Electronic Components Datasheet Search
  English  ▼

X  

AD8130ARM Datasheet(PDF) 12 Page - Analog Devices

Part # AD8130ARM
Description  Low-Cost 270 MHz Differential Receiver Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8130ARM Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8130ARM Datasheet HTML 8Page - Analog Devices AD8130ARM Datasheet HTML 9Page - Analog Devices AD8130ARM Datasheet HTML 10Page - Analog Devices AD8130ARM Datasheet HTML 11Page - Analog Devices AD8130ARM Datasheet HTML 12Page - Analog Devices AD8130ARM Datasheet HTML 13Page - Analog Devices AD8130ARM Datasheet HTML 14Page - Analog Devices AD8130ARM Datasheet HTML 15Page - Analog Devices AD8130ARM Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
REV. 0
AD8129/AD8130
–12–
VCM – V
–39
–5
–45
–51
–57
–63
–69
–75
–81
–87
–4
–3
–2
–10
1
G = 1
VOUT = 2V p-p
VS = 5V
RL = 1k
fC = 5MHz
2
345
HD3
HD2
TPC 55. AD8130 Harmonic Distortion
vs. Common-Mode Voltage
–36
–5
–42
–48
–54
–60
–66
–72
–78
–4
–3
–2
–10
1
G = 10
VOUT = 2V p-p
VS = 5V
RL = 1k
fC = 5MHz
2
345
HD3
HD2
VCM – V
TPC 58. AD8129 Harmonic Distortion
vs. Common-Mode Voltage
VCM
200
1:2
RF
RG
1
2
10
20
RF
GRG
0
499
2k
2k
–
499
221
105
CL
RL
MINI CIRCUITS:
# T4 – 6T,
fC
10MHz
# TC4 – 1W,
fC
10MHz
TPC 61. AD8129/AD8130 Basic Distor-
tion Test Circuit, VCM = 0 V Unless
Otherwise Noted
RL –
–61
100
–67
–73
–79
–85
–91
–97
1k
VOUT = 1V p-p
HD3
VS = 2.5V
HD3
VS = 12V
HD3
VS = 5V
HD2
VS = 5V, 12V
HD2
VS = 2.5V
G = 1
fC = 5MHz
TPC 56. AD8130 Harmonic Distortion
vs. Load Resistance
RL –
–48
100
–54
–60
–66
–72
–78
–84
1k
–90
VS = 2.5V
HD3
HD2
VS = 5V
VS = 12V
VS = 2.5V
VS = 12V
VS = 5V
G = 10
fC = 5MHz
VOUT = 1V p-p
TPC 59. AD8129 Harmonic Distortion
vs. Load Resistance
FREQUENCY – Hz
100
0.1
10
100k
10
100
1k
10k
1.0
1M
10M
TPC 62. AD8129/AD8130 Input
Current Noise vs. Frequency
RL –
–50
100
–56
–62
–68
–74
–80
–86
1k
VOUT = 2V p-p
HD3
VS = 5V, 12V
HD2
VS = 5V, 12V
HD2
VS = 2.5V
HD3
VS = 2.5V
G = 1
fC = 5MHz
TPC 57. AD8130 Harmonic Distortion
vs. Load Resistance
RL –
–44
100
–50
–56
–62
–68
–74
–80
1k
VOUT = 2V p-p
HD3 VS =
12V
VS = 2.5V
VS = 12V
VS = 5V
VS = 5V
VS = 2.5V
G = 10
fC = 5MHz
TPC 60. AD8129 Harmonic Distortion
vs. Load Resistance
FREQUENCY – Hz
100
10
100k
10
100
1k
10k
1.0
1M
10M
AD8130
AD8129
TPC 63. AD8129/AD8130 Input
Voltage Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com