Electronic Components Datasheet Search
  English  ▼

X  

AD8130ARM Datasheet(PDF) 22 Page - Analog Devices

Part # AD8130ARM
Description  Low-Cost 270 MHz Differential Receiver Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8130ARM Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8130ARM Datasheet HTML 18Page - Analog Devices AD8130ARM Datasheet HTML 19Page - Analog Devices AD8130ARM Datasheet HTML 20Page - Analog Devices AD8130ARM Datasheet HTML 21Page - Analog Devices AD8130ARM Datasheet HTML 22Page - Analog Devices AD8130ARM Datasheet HTML 23Page - Analog Devices AD8130ARM Datasheet HTML 24Page - Analog Devices AD8130ARM Datasheet HTML 25Page - Analog Devices AD8130ARM Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
REV. 0
AD8129/AD8130
–22–
20
10
–10
–20
–30
–40
–50
–60
–70
–80
FREQUENCY – Hz
0
10k
100k
1M
10M
100M
Figure 8. Transmission Response of 300 m of
Category 5 Cable
The feedback network is between Pins 6 and 5 and from Pin 5
to ground. C1 and RF create a corner frequency of about 800 kHz.
The gain increases to provide about 15 dB of boost at 8 MHz.
The response of this circuit is shown in Figure 9.
20
10
–10
–20
–30
–40
–50
–60
–70
–80
FREQUENCY – Hz
0
10k
100k
1M
10M
100M
Figure 9. Frequency Response of Equalizer Circuit
It is difficult to come up with the exact component values via
strictly mathematical means, because the equations for the cable
attenuation are approximate and have functions that are not
simply related to the responses of RC networks. The method
used in this design was to approximate the required response via
graphical means from the frequency response, and then select
components that would approximate this response. The circuit
was then built and measured, and finally adjusted to obtain an
acceptable response—in this case flat to 9 MHz to within
approximately 1 dB. (See Figure 10.)
20
10
–10
–20
–30
–40
–50
–60
–70
–80
FREQUENCY – Hz
0
10k
100k
1M
10M
100M
Figure 10. Combined Response of Cable Plus Equalizer
Output Offset/Level Translator
The circuit in Figure 6 has the reference input (Pin 4) tied to
ground, which produces a ground-referenced output signal. If it is
desired to offset the output voltage from ground, the REF input
can be used. (See Figure 11). The level VOFFSET appears at the
output with unity gain.
0.1 F10 F
–V
VOUT = VIN +VOFFSET
+V
0.1 F
10 F
VIN
VOFFSET
–VS
PD
+VS
+
+
AD8130
Figure 11. The voltage applied to Pin 4 adds to the unity-
gain output voltage produced by VIN.
If the circuit has a gain higher than unity, the gain has to be
factored in. If RG is connected to ground, the voltage applied to
REF will be multiplied by the gain of the circuit and appear at
the output; just like a noninverting conventional op amp, This
situation is not always desirable and one may want VOFFSET to
appear at the output with unity gain.
One way to accomplish this is to drive both REF and RG with
the desired offset signal. (See Figure 12.) Superposition can be
used to solve this circuit. First break the connection between
VOFFSET and RG. With RG grounded the gain from Pin 4 to
VOUT will be 1 + RF/RG. With Pin 4 grounded, the gain though
RG to VOUT is –RF/RG. The sum of these is +1. If VREF is delivered
from a low-impedance source, this will work fine. However, if
the delivered offset voltage is derived from a high-impedance
source, like a voltage divider, its impedance will affect the gain
equation. This makes the circuit more complicated as it creates
an interaction between the gain and offset voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com