Electronic Components Datasheet Search
  English  ▼

X  

AX1117 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AX1117
Description  1.2A Low Dropout Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX1117 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AX1117 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX1117 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX1117 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX1117 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX1117 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX1117 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX1117 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page No. : 6/7
AVANTICS - AX1117 Series
Specification No.: 050309-FE0005
TO-252 Dimension
TO-220AB Dimension
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of AVANTIC.
• AVANTICS reserves the right to make changes to its products without notice.
• AVANTICS semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• AVANTICS assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office:
• AVANTICS Microelectronics Corp: No. 255, Cai Lun Rd. Zhangjiang Technology Industrial Park Pudong, Shanghai, China
Tel: 86-021-58955599 Fax: 86-021-58558038
A
B
E
G
I
K
M
O
P
3
2
1
C
N
H
D
Tab
F
J
L
B
A
C
E
H
I
J
K
3
2
1
D
F
G
L
Marking:
Control Code
Date Code
AJ
1 117
Product Series
ADJ(A),1.8(B),2.5(C)
3.3(D),5(E)
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
X
Note: Green label is used for pb-free packing
Pin Style: 1.ADJ/GND 2.VOUT 3.VIN
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
DIM
Min.
Max.
A
0.45
0.55
B
1.70
1.90
C
0.90
1.50
D
0.45
0.60
E
6.40
6.80
F
5.40
5.80
G
2.20
2.80
H-
*2.30
I
0.70
0.90
J
-
0.90
K
5.20
5.50
L
1.40
1.60
*: Typical, Unit: mm
DIM
Min.
Max.
A
5.58
7.49
B
8.38
8.90
C
4.40
4.70
D
1.15
1.39
E
0.35
0.60
F
2.03
2.92
G
9.66
10.28
H
-
*16.25
I-
*3.83
J
3.00
4.00
K
0.75
0.95
L
2.54
3.42
M
1.14
1.40
N-
*2.54
O
12.70
14.27
P
14.48
15.87
*: Typical, Unit: mm
Marking:
Control Code
Date Code
AE
1117
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
Product Series
ADJ(A),1.8(B),2.5(C)
3.3(D),5(E)
X
Note: Green label is used for pb-free packing
Pin Style: 1.ADJ/GND 2(Tab).VOUT 3.VIN
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
3-Lead TO-220AB
Plastic Package
AVANTICS Package Code: E
3-Lead TO-252 Plastic
Surface Mount Package
AVANTICS Package Code: J



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com