Electronic Components Datasheet Search
  English  ▼

X  

AX1117 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX1117
Description  1.2A Low Dropout Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX1117 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX1117 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX1117 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX1117 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX1117 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX1117 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX1117 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX1117 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page No. : 1/7
AVANTICS - AX1117 Series
Specification No.: 050309-FE0005
AX1117 Series
1.2A Low Dropout Positive Voltage Regulator
Features
• Low Dropout Voltage 1.2V at 1.2A
• Adjustable or Fixed Voltage (1.8V, 2.5V, 3.3V, 5V)
• Over Current Protection
• Thermal Overload Protection
• Maximum Line Regulation 0.45%
• Maximum Load Regulation 0.4%
• Adjust Pin Current Less Than 90 uA
Applications
• SCSI-2 Active Termination
• High Efficiency Linear Regulators
• 5V to 3.3V Voltage Converter
• Battery Charger
• Battery Management Circuits For Notebook And Palmtop PCs
• Core Voltage Supply: FPGA, PLD, DSP, CPU
General Description
The AX1117 Series are available in fixed and adjustable output voltage versions. Over current and thermal overload protection
are integrated onto the chip. Output current will decrease while it reaches the preset current or temperature limit. The dropout
voltage is specified at 1.2V Maximum at full rated output current. AX1117 Series provide excellent regulation over variations due
to changes in line, load and temperature. AX1117 Series are three terminal regulators and available in popular packages.
Device Selection Guide
Device
Output Voltage
Package
Device
Output Voltage
Package
AX1117M-Adj
1.3V to 4V
AX1117J-Adj
1.3V to 4V
AX1117M-Fix
1.8V, 2.5V, 3.3V, 5V
SOT-89
AX1117J-Fix
1.8V, 2.5V, 3.3V, 5V
TO-252
AX1117SJ-Adj
1.3V to 4V
AX1117E-Adj
1.3V to 4V
AX1117SJ-Fix
1.8V, 2.5V, 3.3V, 5V
SOT-223
AX1117E-Fix
1.8V, 2.5V, 3.3V, 5V
TO-220AB
Absolute Maximum Ratings
Parameter
Symbol
Maximum
Units
Input Voltage
V
IN
20
V
Power Dissipation
P
D
Internally Limited *
W
Operating Junction Temperature Range
T
OPR
0 To +125
°C
Storage Temperature Range
T
STG
-65 To +150
°C
Lead Temperature (Soldering) 5 Sec
T
LEAD
260
°C
Electrostatic Discharge Sensitivity
2
KV/Min
*: SOT-223: 0.9W(Max.), SOT-89: 0.6W(Max.), TO-252: 0.9W(Max.), TO-220: 2.1W(Max.)
AX1117 Series Pin Assignment
3-Lead Plastic SOT-223
Package Code: SJ
Pin 1: ADJ/GND
Pin 2 & Tab: VOUT
Pin 3: VIN
1 2
3
Tab
3-Lead Plastic SOT-89
Package Code: M
Pin 1: ADJ/GND
Pin 2: VOUT
Pin 3: VIN
1 2
3
3-Lead Plastic TO-252
Package Code: J
Pin 1: ADJ/GND
Pin 2 & Tab: VOUT
Pin 3: VIN
1
2
3
Tab
3-Lead Plastic TO-220AB
Package Code: E
Pin 1: ADJ/GND
Pin 2 & Tab: VOUT
Pin 3: VIN
1 2
3
Tab


Similar Part No. - AX1117

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX1117A AXELITE-AX1117A Datasheet
792Kb / 13P
1A Low Dropout Linear Regulator
Rev.2.2 Sep.20, 2019
AX1117AD AXELITE-AX1117AD Datasheet
792Kb / 13P
1A Low Dropout Linear Regulator
Rev.2.2 Sep.20, 2019
AX1117AD15 AXELITE-AX1117AD15 Datasheet
792Kb / 13P
1A Low Dropout Linear Regulator
Rev.2.2 Sep.20, 2019
AX1117AD15A AXELITE-AX1117AD15A Datasheet
792Kb / 13P
1A Low Dropout Linear Regulator
Rev.2.2 Sep.20, 2019
AX1117AD18 AXELITE-AX1117AD18 Datasheet
792Kb / 13P
1A Low Dropout Linear Regulator
Rev.2.2 Sep.20, 2019
More results

Similar Description - AX1117

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
500mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B_07 Datasheet
514Kb / 9P
800mA Low Dropout Positive Voltage Regulator
logo
Micrel Semiconductor
MIC2940A MICREL-MIC2940A_07 Datasheet
329Kb / 11P
1.2A Low-Dropout Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117 HSMC-H1117 Datasheet
162Kb / 8P
1.2A Low Dropout Positive Voltage Regulator
logo
Micrel Semiconductor
MIC2941AWT MICREL-MIC2941AWT Datasheet
329Kb / 11P
1.2A Low-Dropout Voltage Regulator
logo
International Rectifier
OM7671STM IRF-OM7671STM Datasheet
188Kb / 4P
Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
1.0A Low Dropout Positive Voltage Regulator
logo
Hangzhou Youwang Electr...
UTC1117 YOUWANG-UTC1117 Datasheet
96Kb / 7P
LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com