Electronic Components Datasheet Search
  English  ▼

X  

DHG40C600PB Datasheet(PDF) 2 Page - IXYS Corporation

Part # DHG40C600PB
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DHG40C600PB Datasheet(HTML) 2 Page - IXYS Corporation

  DHG40C600PB Datasheet HTML 1Page - IXYS Corporation DHG40C600PB Datasheet HTML 2Page - IXYS Corporation DHG40C600PB Datasheet HTML 3Page - IXYS Corporation DHG40C600PB Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DHG 40 C 600 PB
preliminary
I
RMS
A
per terminal
35
R thCH
K/W
0.50
M
D
Nm
0.6
mounting torque
0.4
T
stg
°C
150
storage temperature
-55
Weight
g
2
Symbol
Definition
Ratings
typ.
max.
min.
Conditions
RMS current
thermal resistance case to heatsink
Unit
F
C
N
60
mounting force with clip
20
Ordering
Delivery Mode
Quantity
Code No.
Standard
Ordering Number
DHG 40 C 600 PB
504948
Tube
50
XXXXXX
YYWW Z
Logo
Marking on product
DateCode
Assembly Code
abcdef
Product Marking
Assembly Line
D
H
G
40
C
600
PB
Part number
Diode
Sonic Fast Recovery Diode
extreme fast
Common Cathode
TO-220AB (3)
=
=
=
DHG40C600HB
TO-247AD (3)
Similar Part
Package
1)
Marking on Product
DHG40C600PB
600
Voltage Class
Current Rating [A]
Reverse Voltage [V]
=
=
=
=
1) I
RMS is typically limited by the pin-to-chip resistance (1) ; or by the current capability of the chip (2) .
In case of (1) and a common cathode/anode configu ration with a non-isolated ba ckside,
the current capability can be increased by connecting the backside.
IXYS reserves the right to change limits, conditions and dimensions.
©
20110715a
Data according to IEC 60747and per diode unless otherwise specified
2011 IXYS all rights reserved



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com