Electronic Components Datasheet Search
  English  ▼

X  

DHG40C600PB Datasheet(PDF) 4 Page - IXYS Corporation

Part # DHG40C600PB
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DHG40C600PB Datasheet(HTML) 4 Page - IXYS Corporation

  DHG40C600PB Datasheet HTML 1Page - IXYS Corporation DHG40C600PB Datasheet HTML 2Page - IXYS Corporation DHG40C600PB Datasheet HTML 3Page - IXYS Corporation DHG40C600PB Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DHG 40 C 600 PB
preliminary
200
400
600
800
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
Q
rr
[µC]
I
F
[A]
V
F [V]
di
F /dt [A/µs]
T
VJ = 125°C
T
VJ =25°C
10 A
20 A
40 A
Fig. 1 Typ. Forward current versus V
F
Fig. 2 Typ. reverse recov.charge Q
rr vs. di/dt
200
300
400
500
600
700
800
900
4
8
12
16
20
I
RM
[A]
di
F /dt [A/µs]
10 A
20 A
40 A
Fig. 3 Typ. peak reverse current I
RM vs. di/dt
200
300
400
500
600
700
800
900
0
20
40
60
80
100
120
140
160
t
rr
[ns]
di
F /dt [A/µs]
10 A
40 A
Fig. 4 Typ. recovery time t
rr versus di/dt
Fig. 5 Typ. transient thermal impedance
0.001
0.01
0.1
1
10
0.1
1
Z
thJC
[K/W]
t
P [s]
T
VJ
= 125°C
V
R =300 V
20 A
T
VJ
= 125°C
V
R =300 V
T
VJ
= 125°C
V
R = 300 V
R
i
t
i
1 0.231 0.0005
2 0.212 0.004
3 0.19
0.02
4 0.267 0.15
IXYS reserves the right to change limits, conditions and dimensions.
©
20110715a
Data according to IEC 60747and per diode unless otherwise specified
2011 IXYS all rights reserved



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com