Electronic Components Datasheet Search
  English  ▼

X  

IRF7329 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7329
Description  HEXFET POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7329 Datasheet(HTML) 1 Page - International Rectifier

  IRF7329 Datasheet HTML 1Page - International Rectifier IRF7329 Datasheet HTML 2Page - International Rectifier IRF7329 Datasheet HTML 3Page - International Rectifier IRF7329 Datasheet HTML 4Page - International Rectifier IRF7329 Datasheet HTML 5Page - International Rectifier IRF7329 Datasheet HTML 6Page - International Rectifier IRF7329 Datasheet HTML 7Page - International Rectifier IRF7329 Datasheet HTML 8Page - International Rectifier IRF7329 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
-12
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-9.2
ID @ TA= 70°C
Continuous Drain Current, VGS @ -4.5V
-7.4
A
IDM
Pulsed Drain Current 
-37
PD @TA = 25°C
Power Dissipation
ƒ
2.0
PD @TA = 70°C
Power Dissipation
ƒ
1.3
Linear Derating Factor
16
mW/°C
VGS
Gate-to-Source Voltage
± 8.0V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150°C
01/29/04
www.irf.com
1
IRF7329
HEXFET® Power MOSFET
PD- 94095A
Absolute Maximum Ratings
W
Symbol
Parameter
Typ.
Max.
Units
RqJL
Junction-to-Drain Lead
–––
20
RqJA
Junction-to-Ambient
ƒ
–––
62.5
°C/W
Thermal Resistance
VDSS
RDS(on) max (mW)
ID
17@VGS = -4.5V
±
9.2A
-12V
21@VGS = -2.5V
±
7.4A
30@VGS = -1.8V
±
4.6A
Description
l
Trench Technology
l
Ultra Low On-Resistance
l
Dual P-Channel MOSFET
l
Low Profile (<1.8mm)
l
Available in Tape & Reel
New P-Channel HEXFETÒ power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance per
silicon area. This benefit, combined with the ruggedized
device design that HEXFET Power MOSFETs are well
knownfor,providesthedesignerwithanextremelyefficient
and reliable device for use in a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
powerapplications. Withtheseimprovements,multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infrared, or wave soldering techniques.
SO-8
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7


Similar Part No. - IRF7329

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7329PBF IRF-IRF7329PBF Datasheet
173Kb / 9P
HEXFET Power MOSFET
IRF7329PBF IRF-IRF7329PBF Datasheet
179Kb / 9P
Trench Technology
IRF7329PBF IRF-IRF7329PBF Datasheet
179Kb / 9P
Ultra Low On-Resistance
IRF7329PBF IRF-IRF7329PBF_15 Datasheet
179Kb / 9P
Ultra Low On-Resistance
IRF7329TRPBF IRF-IRF7329TRPBF Datasheet
179Kb / 9P
Trench Technology
More results

Similar Description - IRF7329

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com