Electronic Components Datasheet Search
  English  ▼

X  

AH1921 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AH1921
Description  ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1921 Datasheet(HTML) 7 Page - Diodes Incorporated

  AH1921 Datasheet HTML 1Page - Diodes Incorporated AH1921 Datasheet HTML 2Page - Diodes Incorporated AH1921 Datasheet HTML 3Page - Diodes Incorporated AH1921 Datasheet HTML 4Page - Diodes Incorporated AH1921 Datasheet HTML 5Page - Diodes Incorporated AH1921 Datasheet HTML 6Page - Diodes Incorporated AH1921 Datasheet HTML 7Page - Diodes Incorporated AH1921 Datasheet HTML 8Page - Diodes Incorporated AH1921 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AH1911/AH1921
Document number: DS41109 Rev. 1 - 2
7 of 9
www.diodes.com
September 2018
© Diodes Incorporated
AH1911/AH1921
Package Outline Dimensions (All dimensions in mm.)
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
Package Type: SC59
CL
1.3/1.5
Hall Sensor
Min/Max
Die
PART
MARKING
SURFACE
Pin1
Sensor Location
SC59
Dim
Min
Max
Typ
A
0.35
0.50
0.38
B
1.50
1.70
1.60
C
2.70
3.00
2.80
D
-
-
0.95
G
-
-
1.90
H
2.90
3.10
3.00
J
0.013
0.10
0.05
K
1.00
1.30
1.10
L
0.35
0.55
0.40
M
0.10
0.20
0.15
N
0.70
0.80
0.75
0°
8°
-
All Dimensions in mm
A
M
J
L
D
B C
H
K
G
N



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com