Electronic Components Datasheet Search
  English  ▼

X  

AH1921 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH1921
Description  ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1921 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH1921 Datasheet HTML 1Page - Diodes Incorporated AH1921 Datasheet HTML 2Page - Diodes Incorporated AH1921 Datasheet HTML 3Page - Diodes Incorporated AH1921 Datasheet HTML 4Page - Diodes Incorporated AH1921 Datasheet HTML 5Page - Diodes Incorporated AH1921 Datasheet HTML 6Page - Diodes Incorporated AH1921 Datasheet HTML 7Page - Diodes Incorporated AH1921 Datasheet HTML 8Page - Diodes Incorporated AH1921 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AH1911/AH1921
Document number: DS41109 Rev. 1 - 2
1 of 9
www.diodes.com
September 2018
© Diodes Incorporated
AH1911/AH1921
ULTRA-LOW POWER DIGITAL OMNIPLOAR
HALL-EFFECT SWITCH
Description
The AH1911/AH1921 is an ultra-low power digital Omnipolar Hall
Effect switch IC from Diodes broad Hall Effect switches family.
Thanks to the hibernating clocking system, the average supply
current is only 1.6μA at 3V, which makes the AH1911/AH1921
perfectly fit battery-powered consumer products, Gas or water meter,
smoke detectors and IoT devices. The wider range of supply voltage
(1.6V to 5.5V) extends battery operating time and supports low
voltage system microcontrollers, which provides great flexibility for
system design. The advanced chopper stabilized design provides
superior stability on switch operating point over temperature and
supply voltage. The high ESD level up to 6kV helps to improve the
system robustness.
The single push-pull for AH1911 or open drain for AH1921 output can
be switched on with either South or North pole of sufficient strength.
When the magnetic flux density (B) perpendicular to the package is
larger than operate point (BOP), the output will be turned on (pulled
low) and held until B is lower than release point (BRP).
The AH1911/AH1921 comes with industry standard SC59 package.
Features
Omnipolar Operation (North or South Pole)
Supply Voltage of 1.6V to 5.5V
Micropower Operation
Chopper Stabilized Design Provides:
Superior Temperature Stability
Minimal Switch Point Drift
Enhanced Immunity to Physical Stress
AH1911 is Push-Pull Output and AH1921 is Open Drain Output
-40°C to +85°C Operating Temperature
High ESD Capability of 6kV (Human Body Model)
Small Low Profile, SC59 Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
1 VDD
GND 3
2 OUTPUT
SC59
Applications
Smart Cover or Dock Detect for Cellular Phones and Tablet PCs
Gas or Water Consumption Measurement in Remote, Battery-
Operated Utility Meters
Medical Devices, IoT Systems
Level, Proximity and Position Switches
E-Locks, Smoke Detectors, Appliances
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit (Note 4)
AH1911
1.6V to 5.5V
OUTPUT
GND
CIN
VDD
AH1921
1.6V to 5.5V
OUTPUT
GND
RL
CIN
VDD
Note:
4. CIN is for power stabilization and to strengthen the noise immunity, the recommended capacitance is 100nF typical and should be placed as close to
the VDD pin as possible.


Similar Part No. - AH1921

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1925 DIODES-AH1925 Datasheet
593Kb / 9P
ULTRA-LOW POWER DIGITAL OMNI POLAR HALL EFFECT SWITCH
September 2019 Rev. 1 - 2
AH1925-HK4-7 DIODES-AH1925-HK4-7 Datasheet
593Kb / 9P
ULTRA-LOW POWER DIGITAL OMNI POLAR HALL EFFECT SWITCH
September 2019 Rev. 1 - 2
More results

Similar Description - AH1921

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1897 DIODES-AH1897 Datasheet
296Kb / 8P
HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
Rev 1
AH1895 DIODES-AH1895 Datasheet
308Kb / 10P
MEDIUM SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
Rev 1
logo
Texas Instruments
DRV5032 TI1-DRV5032 Datasheet
1Mb / 30P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI1-DRV5032_17 Datasheet
1Mb / 33P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032_017 TI1-DRV5032_017 Datasheet
1Mb / 34P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1807 DIODES-AH1807_15 Datasheet
685Kb / 13P
MEDIUM SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
Rev 5
AH1809 DIODES-AH1809_15 Datasheet
624Kb / 13P
LOW SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
Rev 4
logo
Texas Instruments
DRV5032 TI-DRV5032_V02 Datasheet
1Mb / 40P
DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1912 DIODES-AH1912 Datasheet
685Kb / 10P
ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
July 2019
AH1925 DIODES-AH1925 Datasheet
593Kb / 9P
ULTRA-LOW POWER DIGITAL OMNI POLAR HALL EFFECT SWITCH
September 2019 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com