Electronic Components Datasheet Search
  English  ▼

X  

LF112D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LF112D
Description  1W Dual Output Surface Mountable DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LF112D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LF112D Datasheet HTML 1Page - List of Unclassifed Manufacturers LF112D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx =
±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation
on the unit
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
LF101D
5
4.5 - 5.5
267
30
±5.0
±100.0
±2.0
10
75
500
LF102D
5
4.5 - 5.5
260
30
±9.0
±55.0
±1.0
10
76
500
LF103D
5
4.5 - 5.5
255
30
±12.0
±42.0
±0.8
8
79
500
LF104D
5
4.5 - 5.5
251
30
±15.0
±33.0
±0.7
7
79
500
LF111D
12
10.8 - 13.2
111
15
±5.0
±100.0
±2.0
8
75
200
LF112D
12
10.8 - 13.2
109
15
±9.0
±55.0
±1.0
8
76
200
LF113D
12
10.8 - 13.2
105
15
±12.0
±42.0
±0.8
5
80
200
LF114D
12
10.8 - 13.2
103
15
±15.0
±33.0
±0.7
5
80
200
232 Tosca Drive, Stoughton, MA 02072
www.micropowerdirect.com
sales@micropowerdirect.com
phone: (781) 344 - 8226 ● fax: (781) 344 - 8481
Mechanical Dimensions
MicroPower
Direct
Pin
Description
Pin
Description
1-Vin
6
NA
2
+Vin
7
+Vout
3NA
8
NA
4
Common
9
NA
5
-Vout
10
NA
Pin Connections
μF Max
±33
Capacitive
Load
0.10
(2.54)
0.42
(10.8)
0.07
(1.70)
0.04
(1.0) Min
Board Layout
-40
-20
0
5
15
25
35
45
55
65
75
85
95
105
0
20
40
60
80
100
Ambient Temperature
1C
-5%/
1C
0.60
(15.24
)
+
+
0.01
0.25
0.30
(8.0
)
+
+
0.004
0.100
0.027
0.7
)
(
+
+
0.004
0.100
0.25
(6.5
)
+
+
0.004
0.100
0.27
(7.0
)
+
+
0.004
0.100
0.35
(9.0
)
+
+
0.008
0.200
0.42
(10.8
)
+
+
0.008
0.200
See
Note
S
Seating Plane
0.001
(0.25
)
+
+
0.002
0.050
0.04
(1.05
)
+
+
0.006
0.150
0.40
(10.16
)
+
+
0.004
0.100
0.26
(6.7
)
+
+
0.004
0.100
0.078
(2.000
)
+
+
0.004
0.100
0.01
(0.25
)
+0.0 / -0.006
+0.0 /- 0.150
0.10
(2.54
)
+
+
0.004
0.100
+
+
0.2
( 5.0 )
O
O
Reference
Plane
Note: The curved edge of the case indicates the Pin 1 side.
12
3
4
5
6
7
8
9
10
Top View
Derating Curve
Note:
1. Load regulation is measured for an output
change of 20% to 100%.
2. The outputs of these units may be connected
to provide a 5 VDC, 18 VDC, 24 VDC or
30 VDC output. To do this, connect the load
across the positive (+Vout) and negative
(-Vout) ouputs and float the ouput common.
3. These units do not require external comonents
to operate, but the use of an input capacitor
(10 µF) may enhance performance in some
applications. For applications requiring lower
output ripple levels, the addition of an output
capacitor (4.7 µF to 10 µF) will typically
achieve good results.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com