Electronic Components Datasheet Search
  English  ▼

X  

LF112D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LF112D
Description  1W Dual Output Surface Mountable DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LF112D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LF112D Datasheet HTML 1Page - List of Unclassifed Manufacturers LF112D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features
●
Ultra-Miniature SMT Package ● Lead Frame Technology
●
1W Output Power
●
5V and 12V Inputs
●
-40ºC to +85ºC Operation
●
Low Cost
Electrical Specifications
Specifications typical @ +25
ºC with nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
Reverse Polarity Input Current
1.0
A
Input Filter
Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±3.0
%
Output Voltage Accuracy
Dual Output, Balanced Load
±0.1
±1.0
%
Line Regulation
For Vin Change of 1%
±1.2
±1.5
%
Load Regulation
See Model Selection Guide
Ripple & Noise (20 MHz)
60
120
mV P - P
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
150
mV P - P
Ripple & Noise (20 MHz)
5
mv rms
Output Power Protection
120
%
Temperature Coefficient
±0.01
±0.02
%/ºC
Output Short Circuit
Momentary (0.5 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,000
VDC
Isolation Resistance
500 VDC
1,000
MΩ
Isolation Capacitance
100 kHz, 1V
40
100
pF
Switching Frequency
70
100
140
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
-40
+25
+85
ºC
Storage Temperature Range
-40
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.60 x 0.31 x 0.26 Inches (15.24 x 8.0 x 6.7 mm)
Case Material
Non-Conductive Black Plastic
Weight
0.05 Oz (1.5g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
3.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
9.0
VDC
12 VDC Input
-0.7
18.0
Internal Power Dissipation
All Models
450
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
MicroPower
Direct
1W Dual Output
Surface Mountable
DC/DC Converters
LF100D Series
MicroPower Direct ● TEL: (781) 344-8226 ● FAX: (781) 344-8481 ● E-Mail: sales@micropowerdirect.com ● WEB: www/micropowerdirect.com


Similar Part No. - LF112D

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF112D MPD-LF112D Datasheet
542Kb / 4P
Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
LF112DI MPD-LF112DI Datasheet
216Kb / 2P
High Isolation, 1W Dual Output SMT DC/DC Converters
More results

Similar Description - LF112D

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
Isolated 1W Dual Output DC-DC Converters
NMA CANDD-NMA Datasheet
168Kb / 2P
Isolated 1W Dual Output DC-DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
Isolated 1W Dual Output SM DC/DC Converters
logo
RSG Electronic Componen...
DS3-XX3.3D RSG-DS3-XX3.3D Datasheet
60Kb / 1P
Dual output unregulated DC/DC converters 1W
logo
Murata Manufacturing Co...
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
Isolated 1W Dual Output DC/DC Converters
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
Isolated 1W Dual Output DC/DC Converters
logo
Microdc power Technolog...
A-XD MICRODC-A-XD Datasheet
579Kb / 5P
Isolated 1W Dual Output DC/DC Converters
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
Isolated 1W Dual Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPNA TOPPOWER-TPNA Datasheet
673Kb / 4P
1W 3KVDC Isolated Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com