Electronic Components Datasheet Search
  English  ▼

X  

2N917 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N917
Description  NPN SILICON PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N917 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N917 Datasheet HTML 1Page - Continental Device India Limited 2N917 Datasheet HTML 2Page - Continental Device India Limited 2N917 Datasheet HTML 3Page - Continental Device India Limited 2N917 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR TRANSISTOR
2N917
TO-72
Metal Can Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Small-Signal Characteristics
Current - Gain - Bandwidth Product
fT(1)
IC=4mA,VCE=10V,f=100MHz
600
-
-
MHz
OutPut Capacitance
Cobo
VCB=10V, IE=0, f=140kHz
-
-
2.0
pF
VCB=0V, IE=0, f=140kHz
-
-
3.0
pF
InPut Capacitance
CIbo
VEB=0.5V, IC=0, f=140kHz
-
-
2.0
pF
Noise Figure
NF
IC=1mA, VCE=6V,
-
-
6.0
dB
RG=400 Ω, f=60MHz
Functional Test
Amplifier Power Gain
Gpe
VCB=12V, IC=6mA,
15
-
-
dB
f=200MHz
Power Output
PO
VCB=15V, IC=8mA,
30
-
-
mW
f=500MHz
Collector Efficiency
π
VCB=15V, IC=8mA,
25
-
-
%
f=500MHz
(1) fT is defined as the frequency at which Ihfel extrapolates to unity.
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com