Electronic Components Datasheet Search
  English  ▼

X  

2N917 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N917
Description  NPN SILICON PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N917 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N917 Datasheet HTML 1Page - Continental Device India Limited 2N917 Datasheet HTML 2Page - Continental Device India Limited 2N917 Datasheet HTML 3Page - Continental Device India Limited 2N917 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR TRANSISTOR
2N917
TO-72
Metal Can Package
Amplifier Transistor
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Base Voltage
VCBO
30
V
Collector Emitter Voltage
VCEO
15
V
Emitter Base Voltage
VEBO
3V
Collector Current - Continuous
IC
50
mA
Power Dissipation @ TA=25ºC
PD
200
mW
Derate Above 25ºC
1.14
mW/ºC
Power Dissipation @ TC=25ºC
PD
300
mW
Derate Above 25ºC
1.71
mW/ºC
Operating & Storage Junction
Tj, Tstg
-65 to +200
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Sustaining Voltage
VCEO(SUS) IC=3mA, IB=0
15
-
-
V
Collector Base Voltage
VCBO
IC=1µA, IE=0
30
-
-
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
3.0
-
V
Collector Cut off Current
ICBO
VCB=15V, IE=0
-
-
1.0
nA
VCB=15V, IE=0, TA=150ºC
-
-
1.0
µA
DC Current Gain
hFE
IC=3mA, VCE=1V
20
-
200
Collector Emitter Saturation Voltage
VCE(sat) IC=10mA, IB=1mA
-
-
0.4
V
Base Emitter Saturation Voltage
VBE(sat) IC=10mA, IB=1mA
-
-
1.0
V
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - 2N917

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N917 CENTRAL-2N917 Datasheet
61Kb / 1P
Small Signal NPN Transistors / Dual Transistors
logo
New Jersey Semi-Conduct...
2N917 NJSEMI-2N917 Datasheet
127Kb / 1P
General Purpose Diodes
2N917 NJSEMI-2N917 Datasheet
127Kb / 1P
Electrical characterlitics
logo
List of Unclassifed Man...
2N917 ETC1-2N917 Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
logo
Central Semiconductor C...
2N917A CENTRAL-2N917A Datasheet
61Kb / 1P
Small Signal NPN Transistors / Dual Transistors
More results

Similar Description - 2N917

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N3019 SIEMENS-2N3019 Datasheet
135Kb / 5P
NPN SILICON PLANAR TRANSISTOR
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
Continental Device Indi...
BF370R CDIL-BF370R Datasheet
106Kb / 3P
NPN SILICON PLANAR TRANSISTOR
CJD86 CDIL-CJD86 Datasheet
143Kb / 4P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com