Electronic Components Datasheet Search
  English  ▼

X  

2SJ529S Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SJ529S
Description  isc P-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SJ529S Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SJ529S Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SJ529S Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc P-Channel MOSFET Transistor
2SJ529S
·
FEATURES
·
With TO-252(DPAK) packaging
·
High speed switching
·
Easy to use
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
·
APPLICATIONS
·
Power supply
·
DC-DC converters
·
Motor control
·
Switching applications
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
-60
V
VGSS
Gate-Source Voltage
±
20
V
ID
Drain Current-Continuous
-10
A
IDM
Drain Current-Single Pulsed
-40
A
PD
Total Dissipation
20
W
Tj
Operating Junction Temperature
-55~150
℃
Tstg
Storage Temperature
-55~150
℃
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(ch-c)
Channel-to-case thermal resistance
1.2
℃
/W
Rth(ch-a)
Channel-to-ambient thermal resistance
50
℃
/W


Similar Part No. - 2SJ529S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ529S HITACHI-2SJ529S Datasheet
53Kb / 9P
Silicon P Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ529S RENESAS-2SJ529S Datasheet
94Kb / 9P
Silicon P Channel MOS FET
logo
Guangdong Kexin Industr...
2SJ529S KEXIN-2SJ529S Datasheet
45Kb / 1P
Hight Speed Power Switching
logo
VBsemi Electronics Co.,...
2SJ529S VBSEMI-2SJ529S Datasheet
988Kb / 8P
P-Channel 60-V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ529STL-E RENESAS-2SJ529STL-E Datasheet
94Kb / 9P
Silicon P Channel MOS FET
More results

Similar Description - 2SJ529S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCC1833 ISC-ISCC1833 Datasheet
389Kb / 2P
isc P-Channel MOSFET Transistor
FX20KMJ-2 ISC-FX20KMJ-2 Datasheet
315Kb / 2P
Isc P-Channel MOSFET Transistor
ISCPL45D ISC-ISCPL45D Datasheet
316Kb / 2P
isc P-Channel MOSFET Transistor
SUD50P06-15 ISC-SUD50P06-15 Datasheet
267Kb / 2P
Isc P-Channel MOSFET Transistor
AOD403 ISC-AOD403 Datasheet
377Kb / 2P
Isc P-Channel MOSFET Transistor
DMP3028LK3 ISC-DMP3028LK3 Datasheet
309Kb / 2P
isc P-Channel MOSFET Transistor
DMP4015SK3 ISC-DMP4015SK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
DMP4051LK3 ISC-DMP4051LK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
ISCNL266D ISC-ISCNL266D Datasheet
271Kb / 2P
isc P-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com