Electronic Components Datasheet Search
  English  ▼

X  

2861810 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2861810
Description  CPU - IB IL 332-256-PAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2861810 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2861810 Datasheet HTML 1Page - PHOENIX CONTACT 2861810 Datasheet HTML 2Page - PHOENIX CONTACT 2861810 Datasheet HTML 3Page - PHOENIX CONTACT 2861810 Datasheet HTML 4Page - PHOENIX CONTACT 2861810 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/2861810
01/21/2015   Page 1 / 5
CPU - IB IL 332-256-PAC - 2861810
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Inline CPU, for Assembler or "C" programming, 256 kbyte RAM, complete with accessories (connector and
labeling field)
The illustration shows the version IB
IL 332-128-PAC
 
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
429.5 GRM
Custom tariff number
85389091
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
109.8 mm
Height
140.5 mm
Depth
71.5 mm
Ambient conditions
Degree of protection
IP20
Control system
Programming tool
High-level language
Mechanical design
Weight
260 g
Data interfaces


Similar Part No. - 2861810

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28618 ETC2-28618 Datasheet
104Kb / 1P
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
logo
Wiha Tools
28618 WIHA-28618 Datasheet
2Mb / 20P
PROFESSIONAL TORQUE CONTROL
logo
PHOENIX CONTACT
2861807 PHOENIX-2861807 Datasheet
160Kb / 5P
IB IL TEMPCON UTH-PAC
2861849 PHOENIX-2861849 Datasheet
166Kb / 5P
IB IL INC-PAC
2861852 PHOENIX-2861852 Datasheet
161Kb / 6P
IB IL CNT-PAC
More results

Similar Description - 2861810

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2861344 PHOENIX-2861344 Datasheet
146Kb / 5P
IB IL 24 SEG-PAC
2861360 PHOENIX-2861360 Datasheet
119Kb / 5P
IB IL 24 TC-PAC
2861771 PHOENIX-2861771 Datasheet
140Kb / 5P
IB IL TEMPCON RTD-PAC
2861807 PHOENIX-2861807 Datasheet
160Kb / 5P
IB IL TEMPCON UTH-PAC
2861849 PHOENIX-2861849 Datasheet
166Kb / 5P
IB IL INC-PAC
2861852 PHOENIX-2861852 Datasheet
161Kb / 6P
IB IL CNT-PAC
2861865 PHOENIX-2861865 Datasheet
155Kb / 5P
IB IL SSI-PAC
2862990 PHOENIX-2862990 Datasheet
106Kb / 3P
IB IL PD GND-PAC
2897457 PHOENIX-2897457 Datasheet
143Kb / 4P
IB IL 24 LSKIP-PAC
106148 PHOENIX-106148 Datasheet
188Kb / 10P
IB IL CNT-XC-PAC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com