Electronic Components Datasheet Search
  English  ▼

X  

2861810 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2861810
Description  CPU - IB IL 332-256-PAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2861810 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2861810 Datasheet HTML 1Page - PHOENIX CONTACT 2861810 Datasheet HTML 2Page - PHOENIX CONTACT 2861810 Datasheet HTML 3Page - PHOENIX CONTACT 2861810 Datasheet HTML 4Page - PHOENIX CONTACT 2861810 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/2861810
01/21/2015   Page 2 / 5
CPU - IB IL 332-256-PAC - 2861810
Technical data
Data interfaces
Interface
INTERBUS local bus (master)
Connection method
Inline data jumper
Transmission speed
500 kBaud / 2 MBaud umschaltbar
Interface
Lower-level I/O expansion
Connection method
Inline power distributor (can be integrated in Loop)
Interface
Integrated inputs /outputs
Connection method
2 Inline double signal connectors
Interface
BDM interface
Connection method
8-pos. Inline connector
Interface
RS-422/485
Power supply
Typical current consumption
650 mA
Supply voltage
7.5 V DC
Power dissipation
<p></p>
Addressable areas
Memory type
RAM 32 kByte RAM
FLASH-EPROM 16 kByte
NV-RAM 1 kByte
Fieldbus function
Amount of process data
0 ... 6 words (configurable)
Number of parameter data
0 ... 4 words (configurable)
Number of supported devices
64
Number of devices with parameter channel
8
Processing speed
1.3 ms
Clock frequency
20 MHz
CPU
MC 68332
Local diagnostics
Monitored function
Higher-level local bus
Optical representation
LED: D
Direct I/Os
Number of inputs
6
Connection method
Inline connector
Number of outputs
2
Maximum output current per channel
500 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com