Electronic Components Datasheet Search
  English  ▼

X  

MAX5014ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5014ESA
Description  Current-Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5014ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5014ESA Datasheet HTML 1Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 2Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 3Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 4Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 5Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 6Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 7Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 8Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX5014/MAX5015 integrate all the building
blocks necessary for implementing DC-DC fixed-fre-
quency isolated power supplies. These devices are
current-mode controllers with an integrated high-volt-
age startup circuit suitable for isolated telecom/industri-
al voltage range power supplies. Current-mode control
with leading-edge blanking simplifies control-loop
design and internal ramp compensation circuitry stabi-
lizes the current loop when operating at duty cycles
above 50% (MAX5014). The MAX5014 allows 85%
operating duty cycle and could be used to implement
flyback converters, whereas the MAX5015 limits the
operating duty cycle to less than 50% and can be used
in single-ended forward converters. A high-voltage
startup circuit allows these devices to draw power
directly from the 18V to 110V input supply during start-
up. The switching frequency is internally trimmed to
275kHz ±10%, thus reducing magnetics and filter com-
ponent costs.
The MAX5014/MAX5015 are available in 8-pin SO
packages. An evaluation kit (MAX5015EVKIT) is also
available.
Warning: The MAX5014/MAX5015 are designed to
operate with high voltages. Exercise caution.
Applications
Telecom Power Supplies
Industrial Power Supplies
Networking Power Supplies
Isolated Power Supplies
Features
o Wide Input Range: (18V to 110V) or (13V to 36V)
o Current-Mode Control
o Leading-Edge Blanking
o Internally Trimmed 275kHz ±10% Oscillator
o Low External Component Count
o Soft-Start
o High-Voltage Startup Circuit
o Pulse-by-Pulse Current Limiting
o Thermal Shutdown
o SO-8 Package
Current-Mode PWM Controllers with Integrated
Startup Circuit for Isolated Power Supplies
________________________________________________________________ Maxim Integrated Products
1
GND
CS
1
2
8
7
VCC
NDRV
VDD
OPTO
V+
8-SO
TOP VIEW
3
4
6
5
MAX5014/
MAX5015
SS_SHDN
Pin Configuration
Ordering Information
MAX5015
VDD
V+
SS_SHDN
NDRV
CS
GND
VCC
OPTO
VIN
VOUT
OPTOCOUPLER
Typical Operating Circuit
19-2082; Rev 0; 7/01
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP. RANGE
PIN-PACKAGE
MAX5014CSA*
0
°C to +70°C8-SO
MAX5014ESA*
-40
°C to +85°C8-SO
MAX5015CSA*
0
°C to +70°C8-SO
MAX5015ESA*
-40
°C to +85°C8-SO
*See Selector Guide at end of data sheet.


Similar Part No. - MAX5014ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX501 MAXIM-MAX501 Datasheet
362Kb / 12P
Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MAX501-MAX502 MAXIM-MAX501-MAX502 Datasheet
362Kb / 12P
Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MAX5012 MAXIM-MAX5012 Datasheet
71Kb / 8P
12-Bit, 100Msps ECL DAC
Rev 0; 8/97
MAX5012AEPI MAXIM-MAX5012AEPI Datasheet
71Kb / 8P
12-Bit, 100Msps ECL DAC
Rev 0; 8/97
MAX5012AEQI MAXIM-MAX5012AEQI Datasheet
71Kb / 8P
12-Bit, 100Msps ECL DAC
Rev 0; 8/97
More results

Similar Description - MAX5014ESA

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5124 CHERRY-CS5124 Datasheet
172Kb / 10P
High Performance, Integrated Current Mode PWM Controllers
Rev. 3/12/99
logo
Maxim Integrated Produc...
MAX5019 MAXIM-MAX5019 Datasheet
328Kb / 14P
Current-Mode PWM Controllers with Integrated Startup Circuit
Rev 0; 7/01
MAX5021 MAXIM-MAX5021 Datasheet
240Kb / 11P
Current-Mode PWM Controllers for Isolated Power Supplies
19-2066; Rev 1; 9/01
MAX8540 MAXIM-MAX8540 Datasheet
328Kb / 16P
Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
19-2830; Rev 0; 4/03
MAX5052 MAXIM-MAX5052 Datasheet
349Kb / 13P
Current-Mode PWM Controllers with an Error Amplifier for Isolated/Nonisolated Power Supplies
Rev 1; 11/03
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Sanken electric
STR5A450 SANKEN-STR5A450 Datasheet
900Kb / 32P
For Non-Isolated Off-Line PWM Controllers with Integrated Power MOSFET
STR5A460 SANKEN-STR5A460 Datasheet
1Mb / 32P
For Non-Isolated Off-Line PWM Controllers with Integrated Power MOSFET
logo
Maxim Integrated Produc...
MAX5975A MAXIM-MAX5975A Datasheet
2Mb / 20P
Current-Mode PWM Controllers with Frequency Dithering for EMI-Sensitive Power Supplies
Rev 0; 9/10
MAX5974E MAXIM-MAX5974E_V01 Datasheet
1Mb / 22P
Current-Mode PWM Controllers for Low-Cost Flyback Supplies
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com