Electronic Components Datasheet Search
  English  ▼

X  

MAX5014ESA Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX5014ESA
Description  Current-Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5014ESA Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX5014ESA Datasheet HTML 6Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 7Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 8Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 9Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 10Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 11Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 12Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 13Page - Maxim Integrated Products MAX5014ESA Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ing equation to calculate the tertiary winding turns
ratio:
where:
VDDMIN is the minimum VDD supply voltage (13V).
VDDMAX is the maximum VDD supply voltage (36V).
VIN_MIN is the minimum input voltage (36V).
VIN_MAX is the maximum input voltage (72V in this
design example).
NP is the number of turns of the primary winding.
NT is the number of turns of the tertiary winding.
Choose NT = 6.
6) Choose RSENSE according to the following equation:
where:
VILim is the current-sense comparator trip threshold
voltage (0.465V).
NS/NP is the secondary side turns ratio (5/14 in this
example).
IOUTMAX is the maximum DC output current (10A in
this example).
7) Choose the inductor value so that the peak ripple
current (LIR) in the inductor is between 10% and
20% of the maximum output current.
where VD is the output Schottky diode forward volt-
age drop (0.5V) and LIR is the ratio of inductor rip-
ple current to DC output current.
8) The size and ESR of the output filter capacitor deter-
mine the output ripple. Choose a capacitor with a
low ESR to yield the required ripple voltage.
Use the following equations to calculate the peak-to-
peak output ripple:
where:
VRIPPLE is the combined RMS output ripple due to
VRIPPLE,ESR, the ESR ripple, and VRIPPLE,C, the
capacitive ripple. Calculate the ESR ripple and
capacitive ripple as follows:
VRIPPLE,ESR = IRIPPLE x ESR
VRIPPLE,C = IRIPPLE/(2 x
π x 275kHz x COUT)
Layout Recommendations
All connections carrying pulsed currents must be very
short, be as wide as possible, and have a ground plane
as a return path. The inductance of these connections
must be kept to a minimum due to the high di/dt of the
currents in high-frequency switching power converters.
Current loops must be analyzed in any layout pro-
posed, and the internal area kept to a minimum to
reduce radiated EMI. Ground planes must be kept as
intact as possible.
Chip Information
TRANSISTOR COUNT: 589
PROCESS: BiCMOS
VV
V
RIPPLE
RIPPLE ESR
RIPPLE C
=+
,,
22
L
-
≥ ()
×
()
××
=µ
5 5
1 0 198
0 4 275
10
401
..
.
.
kHz
A
H
L
V-
OUT
≥
+
()×()
××
×
VD
LIR
kHz I
DMIN
OUTMAX
1
2
275
RSENSE ≤
××
=Ω
0 465
5
14
12 10
109
.
.
V
m
R
V
N
N
SENSE
ILIM
S
P
≤
××
12
.IOUTMAX
13 7
4
36 7
14
533
7 14
..
..
36
1N
72
N
T
T
×≤
≤
×
≤≤
V
V
NN
V
V
N
DDMIN
IN_MIN
PT
DDMAX
IN_MAX
P
+
×≤
≤
+
×
07
07
.
.
Current-Mode PWM Controllers with Integrated
Startup Circuit for Isolated Power Supplies
12
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com