Electronic Components Datasheet Search
  English  ▼

X  

HMC767LP6CE Datasheet(PDF) 3 Page - Analog Devices

Part # HMC767LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC767LP6CE Datasheet(HTML) 3 Page - Analog Devices

  HMC767LP6CE Datasheet HTML 1Page - Analog Devices HMC767LP6CE Datasheet HTML 2Page - Analog Devices HMC767LP6CE Datasheet HTML 3Page - Analog Devices HMC767LP6CE Datasheet HTML 4Page - Analog Devices HMC767LP6CE Datasheet HTML 5Page - Analog Devices HMC767LP6CE Datasheet HTML 6Page - Analog Devices HMC767LP6CE Datasheet HTML 7Page - Analog Devices HMC767LP6CE Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC767LP6CE
v01.0112
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 8.45 - 9.55 GHz
Parameter
Condition
Min.
typ.
Max.
Units
REF Input Characteristics
Frequency range (3.3V)
dC
50
350
Mhz
Power From 50Ω Source
with off chip 100Ω
termination
6
dBm
return Loss
-16
-8
dBm
ref divider range (14-Bit)
1
16,383
Phase Detector Rate
integer Mode
dC
50
115
Mhz
Fractional Mode a
dC
50
80
Mhz
Fractional Mode B
dC
50
100
Mhz
Charge Pump
CP Output Current
20µa steps
CP_gain = CP_current ÷ 2∏
(amps/rad)
0.02
2.5
ma
CP hiK
see “Charge Pump gain”
section of “Operation guide”
3.5
6
ma
Logic Inputs
Switching threshold (Vsw)
Vih/ViL within 50mV of Vsw
38
47
54
%VddiO
Logic Outputs
VOh Output high Voltage
VddiO
V
VOL Output Low Voltage
0
V
Output impedance: Pull Up
VddiO = 3.3V
115
150
180
Ω
Output impedance: Pull dn
VddiO = 3.3V
130
135
210
Ω
dC Load
1.5
ma
digital Output driver delay
SCK to digital Output delay
1.7 ns with a 3 pF load
0.5ns + 0.2ns/pF
8.2ns + 0.2ns/pF
ns
Power Supply Voltages
VCCVCO - VCO Supply
4.75
5.0
5.25
V
rVdd, aVdd, VCCPS, VCChF,
VddPd - analog Supply
all must be equal
2.7
3.3
3.5
V
dVdd, VddiO - digital Supply
both must be equal
2.7
3.3
3.5
V
VddLS, VPPCPa - Charge pump
both must be equal
4.7
5.0
5.2
V
Power Supply Currents
5.0V - VCO Current Consumption
230
250
270
ma
3.3V - PLL Current Consumption
all modes
34
54
95
ma
5.0V - Charge Pump Current Consumption
all modes
3
7
16
ma
Power down Current
except VCO
100
µa
Bias Reference Voltage (Pin 20)
Measured with 10 gΩ meter
1.88
1.92
1.96
V
Electrical Specifications (Continued)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com