Electronic Components Datasheet Search
  English  ▼

X  

HMC767LP6CE Datasheet(PDF) 1 Page - Analog Devices

Part # HMC767LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC767LP6CE Datasheet(HTML) 1 Page - Analog Devices

  HMC767LP6CE Datasheet HTML 1Page - Analog Devices HMC767LP6CE Datasheet HTML 2Page - Analog Devices HMC767LP6CE Datasheet HTML 3Page - Analog Devices HMC767LP6CE Datasheet HTML 4Page - Analog Devices HMC767LP6CE Datasheet HTML 5Page - Analog Devices HMC767LP6CE Datasheet HTML 6Page - Analog Devices HMC767LP6CE Datasheet HTML 7Page - Analog Devices HMC767LP6CE Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC767LP6CE
v01.0112
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 8.45 - 9.55 GHz
Functional Diagram
[1] Please refer to the pin description table for details
Features
• rF Bandwidth: 8.45 ghz to 9.55 ghz
• Fractional or integer Modes
• Ultra Low Phase noise
9.0 ghz; 50 Mhz ref.
-107 / -102 dBc/hz @ 10 khz (int / frac)
-138 dBc/hz @ 1 Mhz (Open Loop)
• Figure of Merit (FOM)
-230 / -227 dBc/hz (int / Frac)
• 24-bit Step Size, resolution 3 hz typ
• 350 Mhz, 14-bit reference path input
• Frequency and Phase Modulation
• integrated Frequency Sweeper
• triggered Frequency hopping
• external triggering
• 40 Lead 6 x 6 mm SMt Package: 36 mm²
Typical Applications
• VSat radio
• Microwave Point-to-Point radios
• test equipment & industrial Control
• Military end-Use
• Phased array applications
• FMCw radar Systems
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC767LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC767LP6CE HITTITE-HMC767LP6CE Datasheet
1Mb / 8P
FRACTIONAL-N PLL WITH
More results

Similar Description - HMC767LP6CE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
Fractional-N PLL with Integrated VCO
Nov-2015
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC765LP6CE AD-HMC765LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO,
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC840LP6CE AD-HMC840LP6CE Datasheet
783Kb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com