Electronic Components Datasheet Search
  English  ▼

X  

HMC820LP6CE Datasheet(PDF) 3 Page - Analog Devices

Part # HMC820LP6CE
Description  FRACTIONAL-N PLLs w/ INTEGRATED VCO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC820LP6CE Datasheet(HTML) 3 Page - Analog Devices

  HMC820LP6CE Datasheet HTML 1Page - Analog Devices HMC820LP6CE Datasheet HTML 2Page - Analog Devices HMC820LP6CE Datasheet HTML 3Page - Analog Devices HMC820LP6CE Datasheet HTML 4Page - Analog Devices HMC820LP6CE Datasheet HTML 5Page - Analog Devices HMC820LP6CE Datasheet HTML 6Page - Analog Devices HMC820LP6CE Datasheet HTML 7Page - Analog Devices HMC820LP6CE Datasheet HTML 8Page - Analog Devices HMC820LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 3
Parameter
Condition
Min.
Typ.
Max.
Units
Phase Detector (PD)
PD Frequency Fractional Feedback Mode
[1]
0.1
100
MHz
PD Frequency Fractional Feedforward Mode
(and Register 6 [17:16] = 10)
0.1
80
MHz
PD Frequency Integer Mode
0.1
125
MHz
Charge Pump
Output Current
0.02
2.54
mA
Charge Pump Gain Step Size
20
µA
PD/Charge Pump SSB Phase Noise
50 MHz Ref, Input Referred
1 kHz
-141
dBc/Hz
10 kHz
Add 1 dB for Fractional
-149
dBc/Hz
100 kHz
Add 3 dB for Fractional
-153
dBc/Hz
Logic Inputs
VIH Input High Voltage
DVDD3V-0.4
DVDD3V
V
VIL Input Low Voltage
0
0.4
V
Logic Outputs
VOH Output High Voltage
DVDD3V-0.4
DVDD3V
V
VOL Output Low Voltage
0
0.4
V
Power Supply Voltages
Analog 3.3V Supplies
AVDD, VCCHF, VCCPS,
VCCPD, RVDD
3.0
3.3
3.5
V
Digital Supply
DVDD3V
3.0
3.3
3.5
V
Analog 5V Supplies
VPPCP, VDDCP, VCC1, VCC2
4.8
5
5.2
V
Power Supply Currents
+5V Analog Charge Pump
VPPCP, VDDCP
5.3
mA
+5V VCO Core and PLL Buffer
VCC2
56
mA
+5V VCO Divider and RF Buffer
VCC1
36
mA
+3.3V Analog
AVDD, VCCHF, VCCPS,
VCCPD, RVDD
45
mA
+3.3V Digital
DVDD3V
6.5
mA
Power Down - Crystal Off
Reg 01h=0,
Crystal Not Clocked
10
µA
Power Down - Crystal On, 100 MHz
Reg 01h=0,
Crystal Clocked 100 MHz
10
200
µA
Power on Reset
Typical Reset Voltage on DVDD
700
mV
Min DVDD Voltage for No Reset
1.5
V
Power on Reset Delay
250
µs
HMC820LP6CE
v06.1211
FRACTIONAL-N PLLs w/ INTEGRATED VCO
1095 - 1275, 2190 - 2550, 4380 - 5100 MHz
Electrical Specifications (Continued)
Note 1: This maximum phase detector frequency can only be achieved if the minimum N value is respected. eg. In the case of fractional feedback
mode, the maximum PFD rate = fvco/20 or 100 MHz, whichever is less.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com