Electronic Components Datasheet Search
  English  ▼

X  

HMC820LP6CE Datasheet(PDF) 11 Page - Analog Devices

Part # HMC820LP6CE
Description  FRACTIONAL-N PLLs w/ INTEGRATED VCO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC820LP6CE Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC820LP6CE Datasheet HTML 4Page - Analog Devices HMC820LP6CE Datasheet HTML 5Page - Analog Devices HMC820LP6CE Datasheet HTML 6Page - Analog Devices HMC820LP6CE Datasheet HTML 7Page - Analog Devices HMC820LP6CE Datasheet HTML 8Page - Analog Devices HMC820LP6CE Datasheet HTML 9Page - Analog Devices HMC820LP6CE Datasheet HTML 10Page - Analog Devices HMC820LP6CE Datasheet HTML 11Page - Analog Devices HMC820LP6CE Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 11
HMC820LP6CE
v06.1211
FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO
1095 - 1275, 2190 - 2550, 4380 - 5100 MHz
Evaluation PCB Schematic
The circuit board used in the application should use RF circuit design techniques. Signal lines should have
50 Ohm impedance while the package ground leads and exposed paddle should be connected directly
to the ground plane similar to that shown. A sufficient number of via holes should be used to connect the
top and bottom ground planes. The evaluation circuit board shown is available from Hittite upon request.
To view this Evaluation PCB Schematic please visit www.hittite.com and choose HMC820LP6CE from the
“Search by Part Number” pull down menu to view the product splash page.
Evaluation PCB, 2xfo Mode
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com