Electronic Components Datasheet Search
  English  ▼

X  

HMC836LP6CE Datasheet(PDF) 4 Page - Analog Devices

Part # HMC836LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC836LP6CE Datasheet(HTML) 4 Page - Analog Devices

  HMC836LP6CE Datasheet HTML 1Page - Analog Devices HMC836LP6CE Datasheet HTML 2Page - Analog Devices HMC836LP6CE Datasheet HTML 3Page - Analog Devices HMC836LP6CE Datasheet HTML 4Page - Analog Devices HMC836LP6CE Datasheet HTML 5Page - Analog Devices HMC836LP6CE Datasheet HTML 6Page - Analog Devices HMC836LP6CE Datasheet HTML 7Page - Analog Devices HMC836LP6CE Datasheet HTML 8Page - Analog Devices HMC836LP6CE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 4
Electrical Specifications (Continued)
HMC836LP6CE
v07.1211
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 3365 - 3705 MHz
Typical Closed Loop
Fractional Mode, SSB Phase Noise [1]
Closed Loop
Integer Mode, SSB Phase Noise
VCO Free Running SSB Phase Noise
Parameter
Condition
Min.
Typ.
Max.
Units
Fractional, 50 MHz PFD
1 kHz Offset
-197
dBc/Hz
Fractional, 50 MHz PFD
10 kHz Offset
-102
dBc/Hz
Fractional, 50 MHz PFD
100 kHz Offset
-102
dBc/Hz
Figure of Merit
Normalized 1 Hz
Integer Mode
Measured w/ 50 MHz PD
at 30 kHz Offset
-229
dBc/Hz
Fractional Mode
Measured w/ 50 MHz PD
at 30 kHz Offset
-227
dBc/Hz
[1] Fractional Mode, 50 MHz Crystal, R=1, ~80 kHz Loop BW, (Loop filter values: Contact factory for component values) 2mA Charge Pump, -385µA
Offset.
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
100
1000
10
4
10
5
10
6
10
7
10
8
3300 MHz
3500 MHz
3700 MHz
FREQUENCY OFFSET (Hz)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
2
10
3
10
4
10
5
10
6
10
7
10
8
3300 MHz
3500 MHz
3700 MHz
FREQUENCY OFFSET (Hz)
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
100
1000
10
4
10
5
10
6
10
7
10
8
3365 MHz
3535 MHz
3705 MHz
FREQUENCY OFFSET (Hz)
Typical Tuning Curves vs. Switch Position
01
23
45
TUNING VOLTAGE (V)
n0
n2
n4
n6
n8
n10
n12
n14
n16
n18
n20
n22
n24
n26
n30
fmax
fmin
n30
n31
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com