Electronic Components Datasheet Search
  English  ▼

X  

HMC836LP6CE Datasheet(PDF) 7 Page - Analog Devices

Part # HMC836LP6CE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC836LP6CE Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC836LP6CE Datasheet HTML 2Page - Analog Devices HMC836LP6CE Datasheet HTML 3Page - Analog Devices HMC836LP6CE Datasheet HTML 4Page - Analog Devices HMC836LP6CE Datasheet HTML 5Page - Analog Devices HMC836LP6CE Datasheet HTML 6Page - Analog Devices HMC836LP6CE Datasheet HTML 7Page - Analog Devices HMC836LP6CE Datasheet HTML 8Page - Analog Devices HMC836LP6CE Datasheet HTML 9Page - Analog Devices HMC836LP6CE Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 7
HMC836LP6CE
v07.1211
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 3365 - 3705 MHz
Outline Drawing
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [1]
HMC836LP6CE
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
H836
XXXX
[1] 4-Digit lot number XXXX
Package Information
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST
BE SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR
SUGGESTED PCB LAND PATTERN.
Absolute Maximum Ratings
AVDD, RVDD, DVDD3V, VCCPD,
VCCHF, VCCPS
-0.3V to +3.6V
VPPCP, VDDCP, VCC1
-0.3V to +5.8V
VCC2
-0.3V to +5.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to 125°C
Maximum Junction Temperature
125 °C
Thermal Resistance (RTH)
(junction to ground paddle)
20 °C/W
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
ESD Sensitivity (HBM)
Class 1B
Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device at these or any other conditions above those
indicated in the operational section of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com