Electronic Components Datasheet Search
  English  ▼

X  

XCL301 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XCL301
Description  Inductor Built-in Inverting ?쐌icro DC/DC??Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL301 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XCL301 Datasheet HTML 5Page - Torex Semiconductor XCL301 Datasheet HTML 6Page - Torex Semiconductor XCL301 Datasheet HTML 7Page - Torex Semiconductor XCL301 Datasheet HTML 8Page - Torex Semiconductor XCL301 Datasheet HTML 9Page - Torex Semiconductor XCL301 Datasheet HTML 10Page - Torex Semiconductor XCL301 Datasheet HTML 11Page - Torex Semiconductor XCL301 Datasheet HTML 12Page - Torex Semiconductor XCL301 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/19
XC9140 (Design Target)
XCL301
Series
■
OPERATIONAL EXPLANATION (Continued)
< CL Auto Discharge >
The XCL301 series allows high-speed discharge of the output capacitor (CL) through the IC internal CL discharge resistance
when an L level signal is input into the CE pin (when the IC is in the standby state). This makes it possible to prevent application
malfunctioning due to a charge remaining on CL when the IC is stopped. The discharge time is determined by the CL discharge
resistance and CL.
t = -τln ((VIN-V) /(VIN-VOUT(T)))
V: Output voltage after discharge
VOUT (T): Nominal output voltage
t: Unit: mm
Discharge time
τ
: CL×RDCHG
CL: Capacitance of output capacitor
RDCHG: CL auto-discharge resistance
<CE Pin Function>
The XCL301 series can be put in the shutdown state by L level input to the CE pin. In the shutdown state, the supply current of
the IC is 0μA (TYP.). Operation is started by inputting H level to the CE pin. The CE pin input is CMOS input and the sink
current is 0μA (TYP.).
<The rise operation>
The rise time is determined by the input voltage, output voltage, output capacitance, and soft-start current limit (ILIMSS).
(1) When the CE pin is turned on, the driver transistor turns on.
(2) When the driver current exceeds the soft-start current limit value, the driver transistor is turned off.
(3) The driver transistor remains off until the inductor current becomes 0A.
(4) When the inductor current becomes 0A, the driver transistor is turned on again.
(5) If the output voltage is larger than setting voltage, the operations of (2) to (5) are repeated.
(6) When the output voltage becomes smaller than setting voltage, operation starts in PFM/fixed off-time PWM control.
Current Limit LEVEL in Start-up
0mA
GND
LX
VOUT
ILX
VIN
CE
GND
GND
100% of setting voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com