Electronic Components Datasheet Search
  English  ▼

X  

XCL301 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XCL301
Description  Inductor Built-in Inverting ?쐌icro DC/DC??Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL301 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XCL301 Datasheet HTML 9Page - Torex Semiconductor XCL301 Datasheet HTML 10Page - Torex Semiconductor XCL301 Datasheet HTML 11Page - Torex Semiconductor XCL301 Datasheet HTML 12Page - Torex Semiconductor XCL301 Datasheet HTML 13Page - Torex Semiconductor XCL301 Datasheet HTML 14Page - Torex Semiconductor XCL301 Datasheet HTML 15Page - Torex Semiconductor XCL301 Datasheet HTML 16Page - Torex Semiconductor XCL301 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
XC9140 (Design Target)
XCL301
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Efficiency vs. Output Current
(2) Output Voltage vs. Output Current
(3) Ripple Voltage vs. Output Current
(4) Output Voltage Vs. Ambient Temperature
(5) Supply Current vs. Ambient Temperature
(6) Standby Current vs. Ambient Temperature
0.0
1.0
2.0
3.0
4.0
5.0
-50
-25
0
255075
100
Ambient Temperature: Ta(℃)
XCL301A331
VIN=2.7V,3.7V,5.5V
VCE=0V
0
20
40
60
80
100
-50
-25
0
25
50
75
100
Ambient Temperature: Ta(℃)
XCL301A331
VIN=3.7V
VIN=VCE,VOUT=VOUT(T)×1.1
-5.0
-4.0
-3.0
-2.0
-1.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta(℃ )
XCL301A331
VIN=2.7V,5.5V
0
20
40
60
80
0.1
1
10
100
Output Current : IOUT (mA)
VIN=3.6V
VIN=2.7V
VIN=5.0V
XCL301A331
CIN=10μF(LMK105CBJ106MVLF),CL=10μF×2(LMK105CBJ 106MVLF)
SBD:SBA240CH
-3.5
-3.4
-3.3
-3.2
-3.1
0.1
1
10
100
Output Current : IOUT (mA)
VIN=2.7V,3.6V,5.0V
XCL301A331
CIN=10μF(LMK105CBJ106MVLF),CL=10μF×2(LMK105CBJ 106MVLF)
SBD:SBA240CH
0
50
100
150
200
250
300
0.1
1
10
100
Output Current : IOUT (mA)
XCL301A331
CIN=10μF(LMK105CBJ106MVLF),CL=10μF×2(LMK105CBJ 106MVLF)
SBD:SBA240CH
VIN=2.7V
VIN=3.6V
VIN=5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com