Electronic Components Datasheet Search
  English  ▼

X  

HM55 Datasheet(PDF) 1 Page - TT Electronics.

Part # HM55
Description  Shielded Cube Compact Package Low Cost Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM55 Datasheet(HTML) 1 Page - TT Electronics.

  HM55 Datasheet HTML 1Page - TT Electronics. HM55 Datasheet HTML 2Page - TT Electronics. HM55 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Shielded Cube Compact Package
Low Cost Inductors
Model HM55
Magnetics
Features and Benefits
Operating Temperature Range -40°C to +155°C
Temperature Rise, Maximum 50°C
Operating Frequency Up to 400kHz
RoHS Compliant
Patented US 6,847,280
Notes: (1)Ratedcurrent,Irated,istheapproximateDCcurrentatwhichinductancewillbedecreasedby20%fromitsinitial(zeroDC)valueorthecurrentatwhichΔT=50°C,whicheverislower.
(2)Isatisthesaturationcurrentatwhichinductancerollsoffapproximately30%fromitsinitialvalue.
(3)DCresistanceismeasuredat25°C.
Specifications
Outline Dimensions (Inch/mm)
Part
Number
Inductance
I
rated
(1)
(Adc)
I
sat
(2)
(Adc)
DCR (3)
mΩ ± 5%
Dim D.
(mm ± 0.5)
Dim. E
(mm ± 0.1)
Fig.
100 kHz
@ 0 Adc
100 kHz, 0.1 V
@ I
rated
μH ± 10%
μH Min.
μH Typ.
HM55-12R40LF
0.40
0.32
0.35
20
29
1.00
8.76
1.30
2
HM55-14R40LF
0.40
0.32
0.35
15
38
1.75
8.40
1.00
2
HM55-21R43LF
0.43
0.36
0.40
18
27
0.77
4.10
1.30
1
HM55-21R95LF
0.95
0.76
0.84
22.5
33
1.28
6.90
1.30
1
HM55-211R3LF
1.38
1.10
1.25
15
22
2.26
6.60
1.05
1
HM55-22R79LF
0.79
0.56
0.63
27
39
1.20
12.5
1.45
2
HM55-24R28LF
0.28
0.21
0.25
30
85
0.72
12.7
1.30
2
HM55-26R50LF
0.5
0.36
0.40
40
50
0.90
12.7
1.50
2
HM55-311R4LF
1.40
1.08
1.20
35
50
0.98
6.60
1.65
1
HM55-313R0LF
3.00
2.43
2.70
21
30
2.60
9.45
1.30
1
HM55-315R6LF
5.6
4.86
5.40
9
14
7.30
7.11
0.91
1
HM55-321R0LF
1.0
0.72
0.80
40
56
1.25
15.24
1.50
2
Case Size
Fig.
A
B
C
12
2
0.295
0.295 0.433
7.50
7.50
11.0
14
2
0.295
0.295 0.295
7.50
7.50
7.50
21
1
0.413
0.433 0.413
10.5
11.0
10.5
22
2
0.413
0.413 0.413
10.5
10.5
10.5
24
2
0.413
0.413 0.295
10.5
10.5
7.50
26
2
0.413
0.413 0.355
10.5
10.5
9.00
31
1
0.532
0.543 0.532
13.5
13.8
13.5
32
2
0.532
0.532 0.492
13.5
13.5
12.5
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
43
HM55-12R40LF
0.40
0.32
0.35
20
29
1.00
8.76
1.30
2
HM55-14R40LF
0.40
0.32
0.35
15
38
1.75
8.40
1.00
2
HM55-21R43LF
0.43
0.36
0.40
18
27
0.77
4.10
1.30
1
HM55-21R95LF
0.95
0.76
0.84
22.5
33
1.28
6.90
1.30
1
HM55-211R3LF
1.38
1.10
1.25
15
22
2.26
6.60
1.05
1
HM55-22R79LF
0.79
0.56
0.63
27
39
1.20
12.5
1.45
2
HM55-24R28LF
0.28
0.21
0.25
30
85
0.72
12.7
1.30
2
HM55-26R50LF
0.50
0.36
0.40
40
50
0.90
12.7
1.50
2
HM55-311R4LF
1.40
1.08
1.20
35
50
0.98
6.60
1.65
1
HM55-313R0LF
3.00
2.43
2.70
21
30
2.60
9.45
1.30
1
HM55-315R6LF
5.60
4.86
5.40
9
14
7.30
7.11
0.91
1
HM55-321R0LF
1.0
0.72
0.80
40
56
1.25
15.24
1.50
2
Electrical / Environmental
• Operating Temperature Range
-40°C to +155°C
• Ambient Temperature, Maximum
100°C
• Temperature Rise, Maximum
50°C
• Insulation System
Class F, 155°C
• Operating Frequency
Up to 400kHz
Shielded Drum Compact Package Low Cost Inductors
Specifications
Notes: (1) Rated current, Irated, is the approximate DC current at which inductance will be decreased by 20% from its initial (zero DC) value or the current at which
∆T = 50°C, whichever is lower.
(2) Isat is the saturation current at which inductance rolls off approximately 30% from its initial value.
(3) DC resistance is measured at 25°C.
Inductance
100 kHz
100 kHz, 0.1 V
Part
@ 0 Adc
@ Irated
Irated (1)
Isat (2)
DCR (3)
Dim D.
Dim. E
Number
µH ± 10%
µH Min.
µH Typ.
(Adc)
(Adc)
mW ± 5%
(mm ± 0.5)
(mm ± 0.1)
Fig.
Figure 1
Figure 2
Outline Dimensions (Inch/mm)
Case Size Fig.
A
B
C
12
2
.295
.295
.433
7.50
7.50
11.0
14
2
.295
.295
.295
7.50
7.50
7.50
21
1
.413
.433
.413
10.5
11.0
10.5
22
2
.413
.413
.413
10.5
10.5
10.5
24
2
.413
.413
.295
10.5
10.5
7.50
26
2
.413
.413
.355
10.5
10.5
9.00
31
1
.532
.543
.532
13.5
13.8
13.5
32
2
.532
.532
.492
13.5
13.5
12.5
Packaging
Standard: Vacuum Tray
Case Size
Capacity Per Tray
Capacity Per Carton
(Units)
(Units)
12, 14, 21
40
560
22
44
660
24
50
600
26
45
630
31, 32
44
572
HM55
US 6,847,280
RoHS
Compliant
Notes: (A) Refer to Specifications table for
‘D’ & ‘E’ dimensions of each model.
(B) For case size 12 & 14, only BI logo &
datecode will be printed.
General Note
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
©TTElectronicsplc
Rev.02 7.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555
http://www.ttelectronics.com/magnetics/customer-service-enquiry


Similar Part No. - HM55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM55 ETC1-HM55 Datasheet
450Kb / 3P
Shielded Drum Compact Package Low Cost Inductors
logo
Bi technologies
HM55 BITECH-HM55 Datasheet
683Kb / 3P
Shielded Drum Compact Package Low Cost Inductors
logo
RCD COMPONENTS INC.
HM55-1000-AB RCD-HM55-1000-AB Datasheet
30Kb / 1P
HERMETIC SEALED PRECISION METAL FILM RESISTORS
HM55-1000-AT RCD-HM55-1000-AT Datasheet
30Kb / 1P
HERMETIC SEALED PRECISION METAL FILM RESISTORS
HM55-1000-BB RCD-HM55-1000-BB Datasheet
30Kb / 1P
HERMETIC SEALED PRECISION METAL FILM RESISTORS
More results

Similar Description - HM55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM55 ETC1-HM55 Datasheet
450Kb / 3P
Shielded Drum Compact Package Low Cost Inductors
logo
Bi technologies
HM55 BITECH-HM55 Datasheet
683Kb / 3P
Shielded Drum Compact Package Low Cost Inductors
logo
AAEON Technology
AEC-6800 AAEON-AEC-6800 Datasheet
488Kb / 2P
Low Cost & Compact
logo
Bi technologies
HM55 BITECH-HM55_15 Datasheet
713Kb / 3P
Shielded Cube Compact Package Low Cost Inductors
logo
XFMRS Inc.
XFSMC3-XXX XFMRS-XFSMC3-XXX Datasheet
525Kb / 6P
High-Current Cube Inductors
XFSMC2 XFMRS-XFSMC2 Datasheet
538Kb / 6P
High-Current Cube Inductors
XFSMC4 XFMRS-XFSMC4 Datasheet
525Kb / 6P
High Current Cube Inductors
logo
TT Electronics.
HM37 TTELEC-HM37 Datasheet
578Kb / 2P
High Current Low Loss Ferrite Cube Inductors
HM56 TTELEC-HM56 Datasheet
505Kb / 2P
High Current Low Loss Ferrite Cube Inductors
logo
STI Vibration Monitorin...
CMCP1300T STI-CMCP1300T Datasheet
613Kb / 2P
Low-Cost Compact Triaxial Accelerometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com