Electronic Components Datasheet Search
  English  ▼

X  

HM55 Datasheet(PDF) 3 Page - TT Electronics.

Part # HM55
Description  Shielded Cube Compact Package Low Cost Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM55 Datasheet(HTML) 3 Page - TT Electronics.

  HM55 Datasheet HTML 1Page - TT Electronics. HM55 Datasheet HTML 2Page - TT Electronics. HM55 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HM55 - 21 1R3
LF
Shielded Drum Compact Package Low Cost Inductors
Model HM55
Electrical Characteristics @ 25°C
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
45
Ordering Information
Electrical Characteristics @ 25°C (Cont’d)
(B) Case size 26, 31 & 32
Inductance Code:
First 2 digits are significant. Last
digit denotes the number of trailing
zeros. For values below 10µH, ”R”
denotes the decimal point.
Case Size:
12 = Figure 2
24 = Figure 2
14 = Figure 2
26 = Figure 2
21 = Figure 1
31 = Figure 1
22 = Figure 2
32 = Figure 2
Model Series
HM55 - 21 1R3 LF
Lead-Free
Model Series
Case Size:
12 = Figure 2 24 = Figure 2
14 = Figure 2 26 = Figure 2
21 = Figure 1 31 = Figure 1
22 = Figure 2 32 = Figure 2
Lead-Free
Inductance Code:
First 2 digits are significant. Last digit denotes
the number of trailing zeros. For values below
10μH, ”R” denotes the decimal point.
Ordering Information
(B) Case size 26, 31 & 32
General Note
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
©TTElectronicsplc
Rev.02 7.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555
http://www.ttelectronics.com/magnetics/customer-service-enquiry



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com