Electronic Components Datasheet Search
  English  ▼

X  

HM65 Datasheet(PDF) 1 Page - TT Electronics.

Part # HM65
Description  High Current Low Profile Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM65 Datasheet(HTML) 1 Page - TT Electronics.

  HM65 Datasheet HTML 1Page - TT Electronics. HM65 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part
Number
Inductance (1)
Nominal
μH
± 20%
Rated DC Current(2)
(Amps)
Heating
Current(3)
(Amps)
DC Resistance(4)
(Amps)
Case Size
Ht
Height
mm Max.
13” reel
Qty
(Units)
25°C
130°C
mΩ
Typ.
mΩ
Max.
HM65-H1R0LF
1.0
20.0
13.5
19.9
1.7
2.5
Standard
5.6
400
HM65-H1R8LF
1.8
15.3
11.5
15.2
2.9
3.4
Standard
5.6
400
HM65-H2R8LF
2.8
12.3
10.5
12.1
4.6
5.4
Standard
5.6
400
HM65-H3R9LF
3.9
10.5
8.3
11.4
5.2
8.0
Standard
5.6
400
HM65-H4R0LF
4.0
10.3
8.0
11.4
5.2
8.0
Standard
5.6
400
HM65-H5R6LF
5.6
8.8
7.5
8.1
10.2
11.4
Standard
5.6
400
HM65-H6R0LF
6.0
8.0
6.5
8.1
10.2
11.4
Standard
5.6
400
HM65-H7R2LF
7.2
7.8
6.0
7.8
11.4
13.5
Standard
6.0
400
HM65-1R5LF
1.5
14.0
10.5
17.1
1.7
2.5
Standard
5.6
400
HM65-2R5LF
2.5
10.0
8.0
15.2
2.9
3.4
Standard
5.6
400
HM65-6R0LF
6.0
6.7
4.5
11.5
5.1
8.0
Standard
5.6
400
HM65-8R2LF
8.2
5.8
4.5
8.1
10.2
11.4
Standard
5.6
400
HM65-100LF
10.0
5.0
4.0
7.8
11.3
13.5
Standard
5.6
400
HM65-P1R0LF
1.0
20.0
20.0
19.9
1.7
2.5
Standard
6.0
400
HM65-P1R2LF
1.2
18.0
18.0
19.9
1.7
2.5
Standard
6.0
400
HM65-P1R8LF
1.8
16.0
16.0
15.2
2.9
3.4
Standard
6.0
400
HM65-P2R5LF
2.5
10.0
10.0
15.2
2.9
3.4
Standard
6.0
400
HM65-M0R5LF
0.5
29.0
24.0
16.3
1.8
3.0
Mini
5.6
500
HM65-M0R8LF
0.8
20.0
16.0
16.3
1.8
3.0
Mini
5.6
500
HM65-M2R5LF
2.5
12.0
10.0
9.3
5.5
6.8
Mini
5.6
500
Notes: (1) Inductance is measured at 100kHz, 0.1V without DC current.
(2)RatedDCcurrentistheapproximatecurrentatwhichinductancewillbedecreasedby25%fromitsinitial(zeroDC)value.
(3)HeatingcurrentistheDCcurrentwhichcausestheinductortemperaturetoincreasebyapproximately40°C.
(4) DCresistanceismeasuredat25°C.
Case Size
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Standard
12.5
13.5
7.3
2.6
2.6
2.6
2.6
7.4
13.9
4.4
6.9
3.0
3.8
3.2
3.0
Mini
10.4
10.4
6.7
2.6
1.5
2.3
1.1
5.5
10.8
2.5
6.5
1.8
2.8
1.5
3.0
High Current Low Profile Surface
Mount Inductors
Model HM65
Magnetics
Features and Benefits
Operating Temperature Range -40°C to +130°C
Operating Frequency Up to 3MHz
RoHS Compliant
Specifications / Packaging
Outline Dimensions (mm)
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
59
HM65-H1R0LF
1.0
20.0
13.5
19.9
1.7
2.5
Standard
5.6
400
HM65-H1R8LF
1.8
15.3
11.5
15.2
2.9
3.4
Standard
5.6
400
HM65-H2R8LF
2.8
12.3
10.5
12.1
4.6
5.4
Standard
5.6
400
HM65-H3R9LF
3.9
10.5
8.3
11.4
5.2
8.0
Standard
5.6
400
HM65-H4R0LF
4.0
10.3
8.0
11.4
5.2
8.0
Standard
5.6
400
HM65-H5R6LF
5.6
8.8
7.5
8.1
10.2
11.4
Standard
5.6
400
HM65-H6R0LF
6.0
8.0
6.5
8.1
10.2
11.4
Standard
5.6
400
HM65-H7R2LF
7.2
7.8
6.0
7.8
11.4
13.5
Standard
6.0
400
HM65-1R5LF
1.5
14.0
10.5
17.1
1.7
2.5
Standard
5.6
400
HM65-2R5LF
2.5
10.0
8.0
15.2
2.9
3.4
Standard
5.6
400
HM65-6R0LF
6.0
6.7
4.5
11.5
5.1
8.0
Standard
5.6
400
HM65-8R2LF
8.2
5.8
4.5
8.1
10.2
11.4
Standard
5.6
400
HM65-100LF
10.0
5.0
4.0
7.8
11.3
13.5
Standard
5.6
400
HM65-P1R0LF
1.0
20.0
20.0
19.9
1.7
2.5
Standard
6.0
400
HM65-P1R2LF
1.2
18.0
18.0
19.9
1.7
2.5
Standard
6.0
400
HM65-P1R8LF
1.8
16.0
16.0
15.2
2.9
3.4
Standard
6.0
400
HM65-P2R5LF
2.5
10.0
10.0
15.2
2.9
3.4
Standard
6.0
400
HM65-M0R5LF
0.5
29.0
24.0
16.3
1.8
2.2
Mini
5.6
500
HM65-M0R8LF
0.8
20.0
16.0
16.3
1.8
2.2
Mini
5.6
500
HM65-M2R5LF
2.5
12.0
10.0
9.3
5.5
6.0
Mini
5.6
500
Specifications / Packaging
Inductance (1)
Ht
Nominal
Rated DC Current(2)
Heating
DC Resistance(4)
Height
13” Reel
Part
µH
(Amps)
Current(3)
mW
mW
mm
Qty
Number
± 20%
25°C
130°C
(Amps)
Typ.
Max.
Case Size
Max.
(Units)
Notes: (1) Inductance is measured at 100kHz, 0.1V without DC current.
(2) Rated DC current is the approximate current at which inductance will be decreased by 25% from its initial (zero DC) value.
(3) Heating current is the DC current which causes the inductor temperature to increase by approximately 40°C.
(4) DC resistance is measured at 25°C.
Outline Dimensions (mm)
• Operating Temperature Range
-40°C to +130°C
• Ambient Temperature, Maximum
80°C
• Insulation System
Class F, 155°C
• Operating Frequency
Up to 3MHz
High Current Low Profile Surface Mount Inductors
Electrical / Environmental
HM65
3
E
2
1
D
D
H
C
DUMMY
TERMINAL
G
F
Top View
Side View
Bottom View
Recommended
Solder Pad Layout
Refer to Specifications
Table
P
J
M
N
I
L
K
Case Size
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Standard
12.5
13.5
7.3
2.6
2.6
2.6
2.6
7.4
13.9
4.4
6.9
3.0
3.8
3.2
3.0
Mini
10.4
10.4
6.7
2.6
1.5
2.3
1.1
5.5
10.8
2.5
6.5
1.8
2.8
1.5
3.0
RoHS
Compliant
B Max.
Ht
General Note
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
© TT Electronics plc
Rev.02 7.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555
http://www.ttelectronics.com/magnetics/customer-service-enquiry


Similar Part No. - HM65

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM65 ETC2-HM65 Datasheet
342Kb / 2P
High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM65 BITECH-HM65 Datasheet
853Kb / 2P
High Current Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM65-100LF ETC2-HM65-100LF Datasheet
342Kb / 2P
High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM65-100LF BITECH-HM65-100LF Datasheet
853Kb / 2P
High Current Low Profile Surface Mount Inductors
HM65-100LF BITECH-HM65-100LF Datasheet
793Kb / 2P
High Current Low Profile Surface
More results

Similar Description - HM65

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM69 BITECH-HM69 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM100 ETC1-HM100 Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
HM65 ETC2-HM65 Datasheet
342Kb / 2P
High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM65 BITECH-HM65 Datasheet
853Kb / 2P
High Current Low Profile Surface Mount Inductors
HM74 BITECH-HM74 Datasheet
49Kb / 3P
High Frequency High Current Low Profile Surface Mount Inductors
HM100 BITECH-HM100 Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
HM69 BITECH-HM69_15 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM36 TTELEC-HM36 Datasheet
578Kb / 2P
High Current Low Profile Low Loss Ferrite Surface Mount Inductors
HM69 TTELEC-HM69 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
HM100 TTELEC-HM100 Datasheet
807Kb / 2P
High Current Low Profile Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com