Electronic Components Datasheet Search
  English  ▼

X  

HM65 Datasheet(PDF) 2 Page - TT Electronics.

Part # HM65
Description  High Current Low Profile Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM65 Datasheet(HTML) 2 Page - TT Electronics.

  HM65 Datasheet HTML 1Page - TT Electronics. HM65 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Current Low Profile Surface Mount Inductors
Model HM65
Electrical Characteristic @ 25°C
HM65 - H 1R0 LF TR13
Model Series
Type:
H = High Current
P = Premium Core Material
M = Mini-Package
TR - Tape & Reel Packing
13 - 13” reel
Lead-Free
Inductance Code:
First 2 digits are significant. Last digit denotes the
number of trailing zeros. For values below 10μH, “R“
denotes the decimal point
Ordering Information
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2009/10 EDITION
We reserve the right to change specifications without prior notice.
60
Electrical Characteristics @ 25°C
Ordering Information
Inductance Code:
First 2 digits are significant. Last digit denotes the
number of trailing zeros. For values below 10µH, “R“
denotes the decimal point
Model Series
Lead-Free
TR - Tape & Reel Packing
13 - 13” reel
Type:
H = High Current
P = Premium Core Material
M = Mini-Package
HM65 - H 1R0 LF TR13
General Note
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
© TT Electronics plc
Rev.02 7.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555
http://www.ttelectronics.com/magnetics/customer-service-enquiry



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com