Electronic Components Datasheet Search
  English  ▼

X  

HM71S Datasheet(PDF) 1 Page - TT Electronics.

Part # HM71S
Description  Shielded Surface Mount Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM71S Datasheet(HTML) 1 Page - TT Electronics.

  HM71S Datasheet HTML 1Page - TT Electronics. HM71S Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2009/10 EDITION
We reserve the right to change specifications without prior notice.
92
HM71S-06031R0LF
1.0
0.040
1.40
HM71S-06031R5LF
1.5
0.045
0.93
HM71S-06032R2LF
2.2
0.050
0.92
HM71S-06033R3LF
3.3
0.055
0.75
HM71S-06034R7LF
4.7
0.060
0.58
HM71S-06036R8LF
6.8
0.065
0.58
HM71S-0603100LF
10
0.098
0.37
HM71S-0603150LF
15
0.150
0.31
HM71S-0603220LF
22
0.200
0.30
HM71S-0603330LF
33
0.300
0.30
HM71S-0603470LF
47
0.400
0.24
HM71S-0603680LF
68
0.500
0.17
HM71S-0603101LF
100
0.660
0.13
HM71S-0603151LF
150
1.100
0.10
HM71S-0603221LF
220
2.250
0.10
HM71S-0603331LF
330
2.600
0.07
HM71S-0603471LF
470
3.500
0.06
HM71S-0603681LF
680
5.000
0.055
HM71S-0603102LF
1000
13.500
0.045
HM71S-0603152LF
1500
14.200
0.035
HM71S-0603222LF
2200
16.000
0.028
HM71S-0603332LF
3300
27.000
0.024
HM71S-0603472LF
4700
35.000
0.021
HM71S-0603682LF
6800
48.500
0.019
HM71S-0603103LF
10000
73.000
0.017
HM71S-13051R0LF
1.0
0.021
5.60
HM71S-13051R5LF
1.5
0.022
5.20
DC
Part
Inductance
Resistance
Isat(2)
Number
µH± 20%(1)
W
Max.
Amps
DC
Part
Inductance
Resistance
Isat(2)
Number
µH± 20%(1)
W
Max.
Amps
• Operating Temperature Range
-40°C to +125°C
• Operating Frequency
Up to 1MHz
HM71S
Electrical/Environmental
Shielded Surface Mount Power Inductors
RoHS
Compliant
HM71S-13052R2LF
2.2
0.032
5.00
HM71S-13053R3LF
3.3
0.039
3.90
HM71S-13054R7LF
4.7
0.054
3.20
HM71S-13056R8LF
6.8
0.075
2.80
HM71S-1305100LF
10
0.101
2.40
HM71S-1305150LF
15
0.150
2.00
HM71S-1305220LF
22
0.207
1.60
HM71S-1305330LF
33
0.334
1.40
HM71S-1305470LF
47
0.472
1.00
HM71S-1305680LF
68
0.660
0.90
HM71S-1305101LF
100
1.110
0.80
HM71S-1305151LF
150
1.550
0.60
HM71S-1305221LF
220
2.000
0.50
HM71S-1305102LF
1000
8.300
0.32
HM71S-1807100LF
10
0.040
8.00
HM71S-1807150LF
15
0.048
7.00
HM71S-1807220LF
22
0.059
6.00
HM71S-1807330LF
33
0.075
5.00
HM71S-1807470LF
47
0.097
4.00
HM71S-1807680LF
68
0.138
3.00
HM71S-1807101LF
100
0.207
2.40
HM71S-1807151LF
150
0.293
2.10
HM71S-1807221LF
220
0.470
1.90
HM71S-1807331LF
330
0.780
1.10
HM71S-1807471LF
470
1.080
1.10
HM71S-1807681LF
680
1.400
0.96
HM71S-1807102LF
1000
2.010
0.80
Schematic
Notes: (1) Inductance is measured at 100kHz, 0.1 Vrms.
(2) Isat is the rated saturation current at which inductance will be decreased approximately by 30% for case size 0603 and 10% for case size 1305
and 1807 typically from its initial (zero DC) value.
Specifications@25°C
Last Updated: 20 December 2010


Similar Part No. - HM71S

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM71 BITECH-HM71 Datasheet
584Kb / 3P
High Performance Low Cost Surface Mount Inductors
logo
TT Electronics.
HM71 TTELEC-HM71 Datasheet
671Kb / 2P
High Performance Low Cost Surface Mount Inductors
logo
Bi technologies
HM71-10100LF BITECH-HM71-10100LF Datasheet
584Kb / 3P
High Performance Low Cost Surface Mount Inductors
HM71-10100LF BITECH-HM71-10100LF Datasheet
648Kb / 2P
High Performance Low Cost Surface Mount Inductors
logo
TT Electronics.
HM71-10100LF TTELEC-HM71-10100LF Datasheet
671Kb / 2P
High Performance Low Cost Surface Mount Inductors
More results

Similar Description - HM71S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0403S ABRACON-ASPI-0403S Datasheet
225Kb / 1P
SURFACE MOUNT SHIELDED POWER INDUCTORS
06.27.07
logo
Murata Manufacturing Co...
KMP_4600 MURATA-KMP_4600 Datasheet
128Kb / 3P
Shielded Surface Mount Power Inductors
KMP_4800S MURATA-KMP_4800S Datasheet
140Kb / 3P
Shielded Surface Mount Power Inductors
KMP_4900S MURATA-KMP_4900S Datasheet
145Kb / 3P
Shielded Surface Mount Power Inductors
logo
API Delevan
SP1812 API-SP1812 Datasheet
182Kb / 1P
Shielded Surface Mount Power Inductors
SP1008R API-SP1008R Datasheet
1Mb / 1P
Shielded Surface Mount Power Inductors
SP1210R API-SP1210R Datasheet
941Kb / 1P
Shielded Surface Mount Power Inductors
logo
Murata Power Solutions ...
46281C MURATA-PS-46281C Datasheet
148Kb / 3P
Shielded Surface Mount Power Inductors
logo
Bi technologies
HM66A BITECH-HM66A Datasheet
971Kb / 5P
Shielded Surface Mount Power Inductors
logo
Murata Power Solutions ...
4500 MURATA-PS-4500 Datasheet
165Kb / 3P
Shielded Surface Mount Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com