Electronic Components Datasheet Search
  English  ▼

X  

HM71S Datasheet(PDF) 2 Page - TT Electronics.

Part # HM71S
Description  Shielded Surface Mount Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM71S Datasheet(HTML) 2 Page - TT Electronics.

  HM71S Datasheet HTML 1Page - TT Electronics. HM71S Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
93
Reel:
Diameter:
= 13”(330.2mm)
Capacity
Casesize0603 =
2500units
Casesize1305 =
1000units
Casesize1807 =
350units
Standard: EmbossedTapeandReel
OrderingInformation
Packaging
HM71S - 0603 XXX LF TR
InductanceCode:
First2digitsaresignificant.Lastdigitdenotes
thenumberoftrailingzeros.Forvalues
below10µH,‘R’denotesthedecimalpoint.
CaseSize:
0603,1305,1807
ModelSeries
Lead-Free
CaseSize
A
B
C
D
E
F
G
H
I
0603
6.60
4.45
2.92
1.02
1.27
4.32
4.06
1.40
3.56
1305
12.95
9.40
5.08
2.54
2.54
7.62
7.37
2.92
2.79
1807
18.54 15.24
7.62
2.54
2.54
12.7
12.45
2.92
2.79
OutlineDimensions(mm)
RecommendedSolderPadLayout
TopView
SideView
BottomView
Tape&13”Reel
Packing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com