Electronic Components Datasheet Search
  English  ▼

X  

HM78 Datasheet(PDF) 1 Page - TT Electronics.

Part # HM78
Description  Shielded Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM78 Datasheet(HTML) 1 Page - TT Electronics.

  HM78 Datasheet HTML 1Page - TT Electronics. HM78 Datasheet HTML 2Page - TT Electronics. HM78 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Shielded Surface
Mount Inductors
MODEL HM78
Magnetics
Features
OperatingTemperatureRange-40°Cto+125°C
TemperatureRise,Maximum40°C
OperatingFrequencyUpto3MHz·
RoHSCompliant
Specifications@25°C
Part Number Inductance
μH ± 20% (1)
DC
Resistance
Ω Max.
Rated
Current (2)
Amps
Figure
Part Number Inductance
μH ± 20% (1)
DC
Resistance
Ω Max.
Rated
Current (2)
Amps
Figure
HM78-10100LF
10
0.08
1.00
1
HM78-30181LF
180
1.45
0.39
2
HM78-10120LF
12
0.09
0.94
1
HM78-30221LF
220
1.65
0.35
2
HM78-10150LF
15
0.12
0.86
1
HM78-30271LF
270
2.31
0.32
2
HM78-10180LF
18
0.13
0.78
1
HM78-30331LF
330
2.62
0.28
2
HM78-10220LF
22
0.15
0.76
1
HM78-30391LF
390
2.94
0.26
2
HM78-10270LF
27
0.21
0.64
1
HM78-30471LF
470
4.18
0.24
2
HM78-10330LF
33
0.25
0.61
1
HM78-30102LF
1000
6.50
0.16
2
HM78-10390LF
39
0.31
0.53
1
HM78-40100LF
10
0.055
2.00
2
HM78-10470LF
47
0.35
0.50
1
HM78-40120LF
12
0.058
1.71
2
HM78-10560LF
56
0.43
0.46
1
HM78-40150LF
15
0.081
1.47
2
HM78-10680LF
68
0.52
0.42
1
HM78-40180LF
18
0.091
1.31
2
HM78-20100LF
10
0.055
1.65
1
HM78-40220LF
22
0.11
1.23
2
HM78-20120LF
12
0.073
1.50
1
HM78-40270LF
27
0.15
1.12
2
HM78-20150LF
15
0.081
1.34
1
HM78-40330LF
33
0.17
1.00
2
HM78-20180LF
18
0.102
1.22
1
HM78-40390LF
39
0.23
0.91
2
HM78-20220LF
22
0.115
1.10
1
HM78-40470LF
47
0.26
0.88
2
HM78-20270LF
27
0.159
1.00
1
HM78-40560LF
56
0.35
0.75
2
HM78-20330LF
33
0.182
0.90
1
HM78-40680LF
68
0.38
0.69
2
HM78-20390LF
39
0.199
0.83
1
HM78-40820LF
82
0.43
0.61
2
HM78-20470LF
47
0.221
0.75
1
HM78-40101LF
100
0.61
0.60
2
HM78-20560LF
56
0.306
0.69
1
HM78-40121LF
120
0.66
0.52
2
HM78-20680LF
68
0.345
0.63
1
HM78-40151LF
150
0.88
0.46
2
HM78-20820LF
82
0.39
0.57
1
HM78-40181LF
180
0.98
0.42
2
HM78-20101LF
100
0.432
0.52
1
HM78-40221LF
220
1.17
0.36
2
HM78-20121LF
120
0.44
0.47
1
HM78-40271LF
270
1.64
0.34
2
HM78-20151LF
150
0.73
0.42
1
HM78-40331LF
330
1.86
0.32
2
HM78-20181LF
180
0.78
0.38
1
HM78-40391LF
390
2.85
0.29
2
HM78-20221LF
220
0.94
0.35
1
HM78-40471LF
470
3.01
0.26
2
HM78-20271LF
270
1.25
0.31
1
HM78-40561LF
560
3.62
0.23
2
HM78-30100LF
10
0.072
1.68
2
HM78-40681LF
680
4.63
0.22
2
HM78-30120LF
12
0.098
1.52
2
HM78-40821LF
820
5.20
0.20
2
HM78-30150LF
15
0.13
1.33
2
HM78-453R9LF
3.9
0.015
6.5
3
HM78-30180LF
18
0.14
1.20
2
HM78-454R7LF
4.7
0.018
5.7
3
HM78-30220LF
22
0.19
1.07
2
HM78-456R8LF
6.8
0.023
4.9
3
HM78-30270LF
27
0.21
0.96
2
HM78-45100LF
10
0.028
4.5
3
HM78-30330LF
33
0.24
0.91
2
HM78-45120LF
12
0.038
4.0
3
HM78-30390LF
39
0.32
0.77
2
HM78-45150LF
15
0.050
3.2
3
HM78-30470LF
47
0.36
0.76
2
HM78-45180LF
18
0.057
3.1
3
HM78-30560LF
56
0.47
0.68
2
HM78-45220LF
22
0.066
2.9
3
HM78-30680LF
68
0.52
0.61
2
HM78-45270LF
27
0.080
2.8
3
HM78-30820LF
82
0.69
0.57
2
HM78-45330LF
33
0.097
2.7
3
HM78-30101LF
100
0.79
0.50
2
HM78-45390LF
39
0.132
2.1
3
HM78-30121LF
120
0.89
0.49
2
HM78-45470LF
47
0.150
1.9
3
HM78-30151LF
150
1.27
0.43
2
HM78-45560LF
56
0.190
1.8
3
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/magnetics/customer-service-enquiry
Rev.02 8.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555


Similar Part No. - HM78

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM78 ETC-HM78 Datasheet
77Kb / 7P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
HM78-10100LF BITECH-HM78-10100LF Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
HM78-10100LF BITECH-HM78-10100LF Datasheet
663Kb / 3P
Shielded Surface Mount Inductors
HM78-10120LF BITECH-HM78-10120LF Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
More results

Similar Description - HM78

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
Shielded Surface Mount Inductors
logo
API Delevan
S1008 API-S1008 Datasheet
28Kb / 1P
Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
Shielded Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com