Electronic Components Datasheet Search
  English  ▼

X  

HM78 Datasheet(PDF) 3 Page - TT Electronics.

Part # HM78
Description  Shielded Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM78 Datasheet(HTML) 3 Page - TT Electronics.

  HM78 Datasheet HTML 1Page - TT Electronics. HM78 Datasheet HTML 2Page - TT Electronics. HM78 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Case size
Fig.
A
B
C
D
E
F
G
H
I
J
10
1
.291
7.40
.291
7.40
.150
3.80
.079
2.00
.035
0.85
.220
5.60
.256
6.50
.118
3.00
.075
1.91
-
20
1
.291
7.40
.291
7.40
.205
5.20
.079
2.00
.035
0.85
.220
5.60
.256
6.50
.118
3.00
.075
1.91
-
30
2
.295
7.50
.295
7.50
.138
3.50
.079
2.00
.043
1.10
.200
5.08
.248
6.30
.118
3.00
.075
1.91
.177
4.50
40
2
.295
7.50
.295
7.50
.177
4.50
.079
2.00
.043
1.10
.200
5.08
.248
6.30
.118
3.00
.075
1.91
.177
4.50
45
3
.492
12.5
.492
12.5
.177
4.50
.197
5.00
.079
2.00
.299
7.60
.394
10.0
.236
6.00
.118
3.0
.276
7.00
50
3
.492
12.5
.492
12.5
.244
6.20
.197
5.00
.079
2.00
.299
7.60
.394
10.0
.236
6.00
.118
3.0
.276
7.00
60
3
.492
12.5
.492
12.5
.315
8.00
.197
5.00
.079
2.00
.299
7.60
.394
10.0
.236
6.00
.118
3.0
.276
7.00
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2009/10 EDITION
We reserve the right to change specifications without prior notice.
110
Outline Dimensions (Inch/mm)
Ordering Information
Inductance Code:
First 2 digits are significant. Last digit denotes
the number of trailing zeros. For values below
10µH, “R” denotes the decimal point.
Model Series
Case Size/Body Style:
10 (Figure 1)
45 (Figure 3)
20 (Figure 1)
50 (Figure 3)
30 (Figure 2)
60 (Figure 3)
40 (Figure 2)
Tape & Reel Packing
Lead-Free
HM78 - 20 100 LF TR
Case size Figure
A
B
C
D
E
F
G
H
I
J
1
1
2
2
3
3
3
.291
7.40
.291
7.40
.295
7.50
.295
7.50
.492
12.5
.492
12.5
.492
12.5
.291
7.40
.291
7.40
.295
7.50
.295
7.50
.492
12.5
.492
12.5
.492
12.5
.150
3.80
.205
5.20
.138
3.50
.177
4.50
.177
4.50
.244
6.20
.315
8.00
.079
2.00
.079
2.00
.079
2.00
.079
2.00
.197
5.00
.197
5.00
.197
5.00
.035
0.85
.035
0.85
.043
1.10
.043
1.10
.079
2.00
.079
2.00
.079
2.00
.220
5.60
.220
5.60
.200
5.08
.200
5.08
.299
7.60
.299
7.60
.299
7.60
.256
6.50
.256
6.50
.248
6.30
.248
6.30
.394
10.0
.394
10.0
.394
10.0
.118
3.00
.118
3.00
.118
3.00
.118
3.00
.236
6.00
.236
6.00
.236
6.00
.075
1.91
_
.075
1.91
_
.075
1.91
.075
1.91
.118
3.0
.118
3.0
.118
3.0
.177
4.50
.177
4.50
.276
7.00
.276
7.00
.276
7.00
10
20
30
40
45
50
60
Shielded Surface
Mount Inductors
MODEL HM78
OutlineDimensions(Inch/mm)
OrderingInformation
HM78 - 20 100 LF TR
Model Series
Case Size/Body Style:
10 (Figure 1) 45 (Figure 3)
20 (Figure 1) 50 (Figure 3)
30 (Figure 2) 60 (Figure 3)
40 (Figure 2)
Tape & Reel Packing
Lead-Free
Inductance Code:
First 2 digits are significant. Last digit denotes
the number of trailing zeros. For values below
10μH, “R” denotes the decimal point.
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/magnetics/customer-service-enquiry
Rev.02 8.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com