Electronic Components Datasheet Search
  English  ▼

X  

TC7SA34F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7SA34F
Description  Non-Inverter with 3.6 V Tolerant Input and Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SA34F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7SA34F Datasheet HTML 1Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 2Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 3Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 4Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 5Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 6Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 7Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 8Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC7SA34F/FU
2002-12-13
4
DC Characteristics (Ta
==== ----40~85°C, 1.8 V <<<<==== VCC < 2.3 V)
AC Characteristics (Ta
==== ----40~85°C, input: tr ==== tf ==== 2.0 ns, CL ==== 30 pF, RL ==== 500 W
W
W
W)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
1.0
7.4
2.5
± 0.2
0.8
3.7
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
0.6
2.8
ns
For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
¾
1.8~2.3
0.7
´
VCC
¾
Input voltage
Low level
VIL
¾
1.8~2.3
¾
0.2
´
VCC
V
IOH = -100 mA
1.8
VCC
- 0.2
¾
High level
VOH
VIN = VIH
IOH = -6 mA
1.8
1.4
¾
IOL = 100 mA
1.8
¾
0.2
Output voltage
Low level
VOL
VIN = VIL
IOL = 6 mA
1.8
¾
0.3
V
Input leakage current
IIN
VIN = 0~3.6 V
1.8
¾
±5.0
mA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
¾
10.0
mA
VIN = VCC or GND
1.8
¾
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
1.8
¾
±20.0
mA



Html Pages

1 2 3 4 5 6 7 8 9