Electronic Components Datasheet Search
  English  ▼

X  

TC7SA34F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SA34F
Description  Non-Inverter with 3.6 V Tolerant Input and Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SA34F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SA34F Datasheet HTML 1Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 2Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 3Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 4Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 5Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 6Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 7Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 8Page - Toshiba Semiconductor TC7SA34F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC7SA34F/FU
2002-12-13
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SA34F,TC7SA34FU
Non-Inverter with 3.6 V Tolerant Input and Output
Features
· Low voltage operation : VCC = 1.8~3.6 V
· High speed operation : tpd = 2.8 ns (max) (VCC = 3.0~3.6 V)
: tpd = 3.7 ns (max) (VCC = 2.3~2.7 V)
: tpd = 7.4 ns (max) (VCC = 1.8 V)
· High Output current : IOH/IOL = ±24 mA (min) (VCC = 3.0 V)
: IOH/IOL = ±18 mA (min) (VCC = 2.3 V)
: IOH/IOL = ±6 mA (min) (VCC = 1.8 V)
· Latch-up performance : ±300 mA or more
· ESD performance
: Human body model > ±200 V
: Machine model > ±2000 V
· Power down protection is provided on all inputs and outputs.
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5~4.6
V
DC input voltage
VIN
−0.5~4.6
V
−0.5~4.6 (Note 1)
DC output voltage
VOUT
−0.5~VCC + 0.5 (Note 2)
V
Input diode current
IIK
−50
mA
Output diode current
IOK
±50 (Note 3)
mA
DC output current
IOUT
±50
mA
Power dissipation
PD
200
mW
DC VCC/ground current
ICC
±100
mA
Storage temperature range
Tstg
−65~150
°C
Note 1: VCC = 0 V
Note 2: High or low state. IOUT absolute maximum rating be observed.
Note 3: VOUT < GND, VOUT > VCC
TC7SA34F
TC7SA34FU
Weight
SSOP5-P-0.95 : 0.016 g (typ.)
SSOP5-P-0.65A : 0.006 g (typ.)


Similar Part No. - TC7SA34F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SA34F TOSHIBA-TC7SA34F Datasheet
208Kb / 8P
Non-Inverter
TC7SA34FU TOSHIBA-TC7SA34FU Datasheet
208Kb / 8P
Non-Inverter
TC7SA34F TOSHIBA-TC7SA34F_07 Datasheet
208Kb / 8P
Non-Inverter
More results

Similar Description - TC7SA34F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PA34FU TOSHIBA-TC7PA34FU Datasheet
148Kb / 8P
Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
TC7PAU04FU TOSHIBA-TC7PAU04FU Datasheet
152Kb / 7P
Dual Inverter (unbuffer) with 3.6 V Tolerant Input
21-Aug-2002
TC7PA34FU TOSHIBA-TC7PA34FU_07 Datasheet
197Kb / 8P
Dual Non-Invert Buffer with 3.6 V Tolerant Input and Output
TC7PAU04FU TOSHIBA-TC7PAU04FU_07 Datasheet
195Kb / 7P
Dual Inverter (unbuffer) with 3.6 V Tolerant Input
TC74VCX00FT TOSHIBA-TC74VCX00FT_07 Datasheet
246Kb / 10P
Low-Voltage Quad 2-Input NAND Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX02FT TOSHIBA-TC74VCX02FT_07 Datasheet
246Kb / 10P
Low-Voltage Quad 2-Input NOR Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX04FT TOSHIBA-TC74VCX04FT_07 Datasheet
245Kb / 10P
Low-Voltage Hex Inverter with 3.6-V Tolerant Inputs and Outputs
TC74VCX08FT TOSHIBA-TC74VCX08FT_07 Datasheet
249Kb / 11P
Low-Voltage Quad 2-Input AND Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX14FT TOSHIBA-TC74VCX14FT_07 Datasheet
250Kb / 11P
Low-Voltage Hex Schmitt Inverter with 3.6-V Tolerant Inputs and Outputs
logo
STMicroelectronics
54VCXH162244 STMICROELECTRONICS-54VCXH162244_11 Datasheet
457Kb / 18P
Low voltage CMOS 16-bit bus buffer (3-state non inverter) with 3.6 V tolerant inputs and outputs
29-Jul-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9