Electronic Components Datasheet Search
  English  ▼

X  

2865366 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2865366
Description  Repeater power supplies and input signal conditioners, Ex-i, with two electrically isolated outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2865366 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2865366 Datasheet HTML 1Page - PHOENIX CONTACT 2865366 Datasheet HTML 2Page - PHOENIX CONTACT 2865366 Datasheet HTML 3Page - PHOENIX CONTACT 2865366 Datasheet HTML 4Page - PHOENIX CONTACT 2865366 Datasheet HTML 5Page - PHOENIX CONTACT 2865366 Datasheet HTML 6Page - PHOENIX CONTACT 2865366 Datasheet HTML 7Page - PHOENIX CONTACT 2865366 Datasheet HTML 8Page - PHOENIX CONTACT 2865366 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© PHOENIX CONTACT 2014-08-19
106034_en_00
MACX MCR-EX-SL-RPSSI-2I(-SP)
Data sheet
1Description
The MACX MCR-EX-SL-RPSSI-2I(-SP) repeater power
supplies and input signal conditioners are designed for the
operation of intrinsically safe 2-wire measuring transducers
and mA current sources installed in hazardous areas.
2-wire measuring transducers are supplied with energy.
4-wire measuring transducers as well as mA current
sources can be operated via the non-feed input.
Analog 0/4 ... 20 mA measured values from the hazardous
area are transferred via two electrically isolated active
outputs to the non-hazardous area.
The analog measuring value can be overlaid with digital
(HART) communication signals on the hazardous or non-
hazardous side and transmitted bidirectionally from both
outputs.
Test sockets are integrated into the connectors for
connecting the HART communicators.
Certified for safety-related applications up to SIL 2
according to IEC/EN 61508.
1.1
Properties
–
0/4 mA ... 20 mA input, intrinsically safe, [Ex ia],
powered and not powered
–
Measuring transducer supply voltage >16 V
–
Two electrically isolated outputs, 0/4 mA ... 20 mA
(active)
–
Bidirectional HART transmission (both outputs)
–
Error indication according to NAMUR NE 43
–
SIL 2 according to IEC/EN 61508
–
Safe electrical isolation between input, outputs, and
supply
–
Energy supply possible via DIN rail connector
–
Installation in zone 2 permitted
–
Plug-in terminals with screw connection
(MACX MCR-EX-SL-RPSSI-2I)
or spring connection (push-in)
(MACX MCR-EX-SL-RPSSI-2I-SP)
–
Housing overall width 12.5 mm
WARNING: Explosion hazard
The module is an item of associated electrical equipment for intrinsically safe circuits. It is designed for
use in zone 2, if specific conditions are observed.
When installing and operating the device, the applicable safety directives (including national safety directives),
accident prevention regulations, as well as general technical regulations must be observed.
WARNING: Explosion hazard
Observe the safety regulations and installation notes on page 6.
Make sure you always use the latest documentation.
It can be downloaded at phoenixcontact.net/products.
This data sheet is valid for all products listed on page 3.
Repeater power supplies and input signal
conditioners, Ex-i, with two electrically isolated
outputs


Similar Part No. - 2865366

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2865360000 WEIDMULLER-2865360000 Datasheet
226Kb / 4P
SL 7.62/12/90B 3.2SN GN BX
More results

Similar Description - 2865366

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9130B ETC2-9130B Datasheet
511Kb / 4P
Three independent and electrically isolated outputs
logo
PHOENIX CONTACT
2769873 PHOENIX-2769873 Datasheet
92Kb / 5P
MCR limit value switch, with two adjustable relay contacts, with electrically isolated auxiliary power supply, input signal 0...10 V/0..20 mA
2835079 PHOENIX-2835079 Datasheet
93Kb / 4P
Signal converter - PI-EX-THC-I
2865382 PHOENIX-2865382 Datasheet
259Kb / 13P
2-channel repeater power supply, Ex i
2865793 PHOENIX-2865793 Datasheet
408Kb / 15P
Supply and input signal conditioner, Ex-i, with wide range supply
logo
M-System Co.,Ltd.
26R1 MSYSTEM-26R1 Datasheet
99Kb / 2P
Head-mounted Two-wire Signal Conditioners
26RS MSYSTEM-26RS Datasheet
102Kb / 3P
Head-mounted Two-wire Signal Conditioners
26TS1 MSYSTEM-26TS1 Datasheet
104Kb / 3P
Head-mounted Two-wire Signal Conditioners
logo
Pepperl+Fuchs Inc.
ENT-DC-30 PF-ENT-DC-30 Datasheet
563Kb / 2P
Ex i power supply
logo
PHOENIX CONTACT
2865243 PHOENIX-2865243 Datasheet
107Kb / 5P
Repeater power supply - PI-EX-RPSS
11/05/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com