Electronic Components Datasheet Search
  English  ▼

X  

2865366 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 2865366
Description  Repeater power supplies and input signal conditioners, Ex-i, with two electrically isolated outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2865366 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 2865366 Datasheet HTML 8Page - PHOENIX CONTACT 2865366 Datasheet HTML 9Page - PHOENIX CONTACT 2865366 Datasheet HTML 10Page - PHOENIX CONTACT 2865366 Datasheet HTML 11Page - PHOENIX CONTACT 2865366 Datasheet HTML 12Page - PHOENIX CONTACT 2865366 Datasheet HTML 13Page - PHOENIX CONTACT 2865366 Datasheet HTML 14Page - PHOENIX CONTACT 2865366 Datasheet HTML 15Page - PHOENIX CONTACT 2865366 Datasheet HTML 16Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MACX MCR-EX-SL-RPSSI-2I(-SP)
106034_en_00
PHOENIX CONTACT
13
The probability of a dangerous failure per hour for
“continuous demand” mode and the average probability of
failure of the specified function for “low demand” mode are
determined based on the error rates:
PFD
avg values depending on operating mode A – D
This fulfills the requirements for the PFH value for a SIL 2
system.
When calculating the PFD
avg and PFH values for the partial
2-channel operating mode (C and D) failures of the same
cause where taken into account and a β or β
D factor of 2%
was determined.
The boxes marked in gray mean that the calculated PFD
avg
values are within the allowed range for SIL 2 according to
table 2 of IEC/EN 61508-1. They fulfill the requirement to not
cover more than 10% of the safety circuit, i.e., to be better
than or equal to 1.00E-03.
The box marked in white shows that the calculated PFD
avg
values are within the permissible range for SIL2 in
accordance with Table 2 of IEC/EN 61508-1. However, they
do not fulfill the requirement to not cover more than 10% of
this safety circuit, i.e., to be better than or equal to 1.00 E03.
Failure limit
In SIL2 applications, if the percentage of the device for the
entire safety circuit is assumed to be a maximum of 10%, a
maintenance/test interval of 4.26 years can be achieved in
this time depending on the operating mode:
Figure 7
Safety circuit
The maintenance/test interval depends on the characteristic
data of all devices involved in the safety circuit. The intervals
may be shorter or longer depending on this characteristic
data.
7.3
Condition
The values are valid under the following conditions:
–
The failure rates of the components used remain
constant throughout the period of use.
–
The propagation of errors by the device in the system is
not taken into consideration.
–
The failure rates of the external power supply are not
taken into consideration.
–
The specified error rates are based on an average
ambient temperature of +40 °C. For an average
ambient temperature of +60 °C, the specified failure
rates must be multiplied by a factor of 2.5. This factor is
based on guide values.
A
T
[PROOF] =
1 year
3 years
4 years
PFD
avg =
2.73E-04
8.19E-04
10.9E-04
PFH = 6.23 * 10
-8
/h
B
T
[PROOF] =
1 year
4 years
5 years
PFD
avg =
2.34E-04
9.37E-04
11.7E-04
PFH = 5.34 * 10
-8
/h
C
T
[PROOF] =
1 year
5 years
6 years
PFD
avg =
1.86E-04
9.29E-04
11.1E-04
PFH = 4.31 * 10
-8
/h
D
T
[PROOF] =
1 year
6 Jahre
7 years
PFD
avg =
1.47E-04
8.81E-04
10.3E-04
PFH = 3.43 * 10
-8
/h
A
3.66 years
B
4.26 years
C
5.26 years
D
6.80 years
Sensor
25%
Device
< 10%
Processing
15%
Actuator
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com