Electronic Components Datasheet Search
  English  ▼

X  

2878340 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2878340
Description  The illustration shows the version IB IL 24 Do 32/HD-PAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2878340 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2878340 Datasheet HTML 1Page - PHOENIX CONTACT 2878340 Datasheet HTML 2Page - PHOENIX CONTACT 2878340 Datasheet HTML 3Page - PHOENIX CONTACT 2878340 Datasheet HTML 4Page - PHOENIX CONTACT 2878340 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 8, 2011
Extract from the online
catalog
 
IB IL 24 DO 32/HD-NPN-PAC
Order No.: 2878340
The illustration shows the version IB IL 24 Do 32/HD-PAC
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2878340
 
 
Inline digital output terminal, complete with accessories (connector
and labeling field), 32 outputs, 24 V DC, npn-wired, 500 mA, single-
wire connection method
 
Commercial data
GTIN (EAN)
4
046356
048538
sales group
K411
Pack
1 pcs.
Customs tariff
85389091
Catalog page information
Page 277 (AX-2009)
Product notes
WEEE/RoHS-compliant since:
10/28/2008
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Width
48.8 mm
Height
119.8 mm
Depth
71.5 mm


Similar Part No. - 2878340

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2878 ALLEGRO-2878 Datasheet
222Kb / 8P
QUAD HIGH-CURRENT DARLINGTON SWITCHES
logo
Heyco.
2878 HEYCO-2878 Datasheet
128Kb / 1P
Open/Closed Bushings
logo
Molex Electronics Ltd.
2878-A-A(P909)B MOLEX11-2878-A-A(P909)B Datasheet
103Kb / 2P
TERMINAL, DBL.CANTILEVER KK CRIMP TYPE BIFURCATED
2878-A-A(P909)L MOLEX11-2878-A-A(P909)L Datasheet
103Kb / 2P
TERMINAL, DBL.CANTILEVER KK CRIMP TYPE BIFURCATED
2878-B-A(550)B MOLEX11-2878-B-A(550)B Datasheet
103Kb / 2P
TERMINAL, DBL.CANTILEVER KK CRIMP TYPE BIFURCATED
More results

Similar Description - 2878340

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2692885 PHOENIX-2692885 Datasheet
169Kb / 5P
The illustration shows the product version IB IL 24 DI 32/HD-PAC
2692898 PHOENIX-2692898 Datasheet
176Kb / 5P
The illustration shows the version IB IL 24 Do 32/HD-PAC
2860785 PHOENIX-2860785 Datasheet
187Kb / 5P
The illustration shows the version IB IL 24 DI 32/HD-PAC
2860934 PHOENIX-2860934 Datasheet
196Kb / 5P
The illustration shows the version IB IL 24 Do 32/HD-PAC
2861700 PHOENIX-2861700 Datasheet
132Kb / 5P
The figure shows the version IB IL 24 DO 2-2A-PAC
2861894 PHOENIX-2861894 Datasheet
145Kb / 4P
The illustration shows the version IB IL 24 PWR IN/F-PAC
2861959 PHOENIX-2861959 Datasheet
171Kb / 5P
The illustration shows the version IB IL 24 DI 16
2862958 PHOENIX-2862958 Datasheet
190Kb / 6P
The illustration shows the version IB IL 24 DI 16-PAC
2862961 PHOENIX-2862961 Datasheet
191Kb / 5P
The illustration shows the article IB IL 24 DO 16-PAC
2878243 PHOENIX-2878243 Datasheet
167Kb / 5P
The illustration shows the product version IB IL 24 DI 32/HD-PAC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com