Electronic Components Datasheet Search
  English  ▼

X  

2878340 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2878340
Description  The illustration shows the version IB IL 24 Do 32/HD-PAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2878340 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2878340 Datasheet HTML 1Page - PHOENIX CONTACT 2878340 Datasheet HTML 2Page - PHOENIX CONTACT 2878340 Datasheet HTML 3Page - PHOENIX CONTACT 2878340 Datasheet HTML 4Page - PHOENIX CONTACT 2878340 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IB IL 24 DO 32/HD-NPN-PAC Order No.: 2878340
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2878340
PHOENIX CONTACT Deutschland GmbH
Page 2 / 5
http://www.phoenixcontact.de
Feb 8, 2011
Note on dimensions
Housing dimensions
Weight
135 g
Note on weight specifications
Without plug
Mounting type
DIN rail
Ambient temperature (operation)
-25 °C ... 55 °C
Ambient temperature (storage/transport)
-25 °C ... 85 °C
Permissible humidity (operation)
10 % ... 95 % (according to DIN EN 61131-2)
Permissible humidity (storage/transport)
10 % ... 95 % (according to DIN EN 61131-2)
Air pressure (operation)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Degree of protection
IP20
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
Test section
5 V supply incoming remote bus/7.5 V supply (bus logic) 500 V
AC 50 Hz 1 min
5 V supply outgoing remote bus/7.5 V supply (bus logic) 500 V
AC 50 Hz 1 min
7.5 V supply (bus logics)/24 V supply (I/O) 500 V AC 50 Hz 1 min
24 V supply (I/O) / functional earth ground 500 V AC 50 Hz 1 min
Diagnostics messages
Short-circuit / overload of the digital outputs Error message in the
diagnostic code (bus) and display (2 Hz) via the LED (D) on the
module
Interface
Name
INTERBUS local bus
Type of connection
Inline data jumper
Transmission speed
500 kBaud
Power supply for module electronics
Supply voltage
24 V DC (via voltage jumper)
Supply voltage range
19.2 V DC ... 30 V DC (including all tolerances, including ripple)
Communications power UL
7.5 V (via voltage jumper)
Current consumption
max. 140 mA (from the local bus)
Inline potential routing
Communications power UL
7.5 V DC
Current consumption from UL
max. 140 mA
Main circuit supply UM
24 V DC
Segment supply voltage US
24 V DC (nominal value)
Current consumption from US
max. 8 A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com