Electronic Components Datasheet Search
  English  ▼

X  

TLP270D Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP270D
Description  TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET / Photo-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP270D Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP270D Datasheet HTML 1Page - Toshiba Semiconductor TLP270D Datasheet HTML 2Page - Toshiba Semiconductor TLP270D Datasheet HTML 3Page - Toshiba Semiconductor TLP270D Datasheet HTML 4Page - Toshiba Semiconductor TLP270D Datasheet HTML 5Page - Toshiba Semiconductor TLP270D Datasheet HTML 6Page - Toshiba Semiconductor TLP270D Datasheet HTML 7Page - Toshiba Semiconductor TLP270D Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP270D
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo−MOS FET / Photo−Transistor
TLP270D
Mobile / Note PCs
PDAs
Multimedia TVs
Modems
TLP270D has many multi−functions in DAA circuits for modems,
which is a fully integrated design photocoupler in a 14pin(SOP16).
(1) Photorelay
Dial pulsing switch, hookswitch
· 1 form A
· Peak off−state voltage: 200V (min.)
· Trigger LED current: 3mA (max.)
· On−state current: 150mA (max.)
(2) Photocoupler
Ring detection
· Collector−emitter voltage: 80V (min.)
· Current transfer ratio: 50% (min.)
(3) Darlington transistor
Electronic inductor
· Collector―emitter voltage: 30V (min.)
· Collector current: 150mA (max.)
Unit in mm
TOSHIBA
Weight: 0.2g
TENTATIVE


Similar Part No. - TLP270D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2703 TOSHIBA-TLP2703 Datasheet
675Kb / 17P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.6.0
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
logo
STMicroelectronics
TLP270G STMICROELECTRONICS-TLP270G Datasheet
157Kb / 14P
TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
Sep-1998
TLP270G-1 STMICROELECTRONICS-TLP270G-1 Datasheet
157Kb / 14P
TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
Sep-1998
TLP270M STMICROELECTRONICS-TLP270M Datasheet
157Kb / 14P
TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
Sep-1998
More results

Similar Description - TLP270D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
25-Sep-2002
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
25-Sep-2002
TLP3540 TOSHIBA-TLP3540 Datasheet
112Kb / 4P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
25-Sep-2002
TLP197G TOSHIBA-TLP197G Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
25-Sep-2002
TLP200D TOSHIBA-TLP200D Datasheet
266Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-MOS FET
TLP206G TOSHIBA-TLP206G Datasheet
162Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
25-Sep-2002
TLP3111 TOSHIBA-TLP3111 Datasheet
121Kb / 5P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
25-Sep-2002
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com