Electronic Components Datasheet Search
  English  ▼

X  

TLP270D Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP270D
Description  TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET / Photo-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP270D Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP270D Datasheet HTML 1Page - Toshiba Semiconductor TLP270D Datasheet HTML 2Page - Toshiba Semiconductor TLP270D Datasheet HTML 3Page - Toshiba Semiconductor TLP270D Datasheet HTML 4Page - Toshiba Semiconductor TLP270D Datasheet HTML 5Page - Toshiba Semiconductor TLP270D Datasheet HTML 6Page - Toshiba Semiconductor TLP270D Datasheet HTML 7Page - Toshiba Semiconductor TLP270D Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP270D
2002-09-25
3
Photorelay(1
----form----A)
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating
(Ta ≥ 25°C)
∆IF / °C
-0.5
mA / °C
Peak forward current
(100
ms pulse, 100pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off
-state output terminal
voltage
VOFF
200
V
On
-state RMS current
ION
150
mA
On
-state RMS current
derating(Ta ≥ 25°C)
∆ION / °C
-1.5
mA / °C
Junction temperature
Tj
125
°C
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF=10mA
1.0
1.15
1.3
V
Reverse current
IR
VR=5V
―
―
10
mA
Capacitance
CT
V
=0, f=1MHz
―
30
―
pF
Off
-state current
IOFF
VOFF=200V
―
―
1
mA
Capacitance
COFF
V
=0, f=1MHz
―
90
―
pF
Coupled
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
ION=150mA
―
1
3
mA
On
-state resistance
RON
ION=150mA, IF=5mA
―
5
8
W
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Turn
-on time
tON
―
―
1.5
Turn
-off time
tOFF
RL=200W, VCC=20V,
IF=5mA
―
―
1
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com