Electronic Components Datasheet Search
  English  ▼

X  

TSH350ILT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH350ILT
Description  550 MHz, Low Noise Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350ILT Datasheet(HTML) 4 Page - STMicroelectronics

  TSH350ILT Datasheet HTML 1Page - STMicroelectronics TSH350ILT Datasheet HTML 2Page - STMicroelectronics TSH350ILT Datasheet HTML 3Page - STMicroelectronics TSH350ILT Datasheet HTML 4Page - STMicroelectronics TSH350ILT Datasheet HTML 5Page - STMicroelectronics TSH350ILT Datasheet HTML 6Page - STMicroelectronics TSH350ILT Datasheet HTML 7Page - STMicroelectronics TSH350ILT Datasheet HTML 8Page - STMicroelectronics TSH350ILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TSH350
Electrical Characteristics
4/21
Iout
Isink
Short-circuit Output current coming in
the op-amp.
See fig-8 for more details
Output to GND
135
205
mA
Tmin. < Tamb < Tmax.
195
Isource
Output current coming out from the op-
amp.
See fig-11 for more details
Output to GND
-140
-210
Tmin. < Tamb < Tmax.
-185
Noise and distortion
eN
Equivalent Input Noise Voltage
see application note on page 13
F = 100kHz
1.5
nV/
√Hz
iN
Equivalent Input Noise Current (+)
see application note on page 13
F = 100kHz
20
pA/
√Hz
Equivalent Input Noise Current (-)
see application note on page 13
F = 100kHz
13
pA/
√Hz
SFDR
Spurious Free Dynamic Range
The highest harmonic of the output
spectrum when injecting a filtered sine
wave
AV = +1, Vout = 1Vp-p
F = 10MHz
F = 20MHz
F = 50MHz
F = 100MHz
-66
-57
-46
-42
dBc
Table 4: Closed-loop gain and feedback components
VCC (V)
Gain
Rfb (Ω)
-3dB Bw (MHz)
0.1dB Bw (MHz)
±2.5
+10
300
125
22
-10
300
120
20
+2
300
390
110
-2
300
370
70
+1
820
550
65
-1
300
350
120
Table 3: Electrical characteristics for VCC = ±2.5Volts, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21