Electronic Components Datasheet Search
  English  ▼

X  

TSH350ILT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSH350ILT
Description  550 MHz, Low Noise Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350ILT Datasheet(HTML) 5 Page - STMicroelectronics

  TSH350ILT Datasheet HTML 1Page - STMicroelectronics TSH350ILT Datasheet HTML 2Page - STMicroelectronics TSH350ILT Datasheet HTML 3Page - STMicroelectronics TSH350ILT Datasheet HTML 4Page - STMicroelectronics TSH350ILT Datasheet HTML 5Page - STMicroelectronics TSH350ILT Datasheet HTML 6Page - STMicroelectronics TSH350ILT Datasheet HTML 7Page - STMicroelectronics TSH350ILT Datasheet HTML 8Page - STMicroelectronics TSH350ILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Electrical Characteristics
TSH350
5/21
Figure 1: Frequency response, positive gain
Figure 2: Compensation, gain=+4
Figure 3: Frequency response vs. capa-load
1M
10M
100M
1G
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
Gain=+1
Gain=+2
Gain=+4
Small Signal
Vcc=5V
Load=100
Ω
Gain=+10
Frequency (Hz)
1M
10M
100M
11,6
11,7
11,8
11,9
12,0
12,1
+
-
100R
300R
4pF
Vin
Vout
Gain=+4, Vcc=5V,
Small Signal
+
-
100R
300R
4pF
Vin
Vout
Gain=+4, Vcc=5V,
Small Signal
Frequency (Hz)
1M
10M
100M
1G
-10
-8
-6
-4
-2
0
2
4
6
8
10
+
-
300R
300R
Vin
Vout
Gain=+2, Vcc=5V,
Small Signal
R-iso
1k
C-Load
+
-
300R
300R
Vin
Vout
Gain=+2, Vcc=5V,
Small Signal
R-iso
1k
C-Load
C-Load=10pF
R-iso=39ohms
C-Load=22pF
R-iso=27ohms
C-Load=1pF
R-iso=22ohms
Frequency (Hz)
Figure 4: Frequency response, negative gain
Figure 5: Compensation, gain=+2
Figure 6: Step response vs. capa-load
1M
10M
100M
1G
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
Gain=-1
Gain=-2
Gain=-4
Small Signal
Vcc=5V
Load=100
Ω
Gain=-10
Frequency (Hz)
1M
10M
100M
1G
5,6
5,7
5,8
5,9
6,0
6,1
6,2
Gain=+2, Vcc=5V,
Small Signal
+
-
100R
300R
2pF
Vin
Vout
8k2
Gain=+2, Vcc=5V,
Small Signal
+
-
100R
300R
2pF
Vin
Vout
8k2
Frequency (Hz)
0,0s
2,0ns
4,0ns
6,0ns
8,0ns 10,0ns 12,0ns 14,0ns 16,0ns 18,0ns 20,0ns
-1
0
1
2
3
+
-
300R
300R
Vin
Vout
Gain=+2, Vcc=5V,
Small Signal
R-iso
1k
C-Load
+
-
300R
300R
Vin
Vout
Gain=+2, Vcc=5V,
Small Signal
R-iso
1k
C-Load
C-Load=10pF
R-iso=39ohms
C-Load=22pF
R-iso=27ohms
C-Load=1pF
R-iso=22ohms
Time (ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com