Electronic Components Datasheet Search
  English  ▼

X  

TSH350ID Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSH350ID
Description  550 MHz, Low Noise Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350ID Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSH350ID Datasheet HTML 2Page - STMicroelectronics TSH350ID Datasheet HTML 3Page - STMicroelectronics TSH350ID Datasheet HTML 4Page - STMicroelectronics TSH350ID Datasheet HTML 5Page - STMicroelectronics TSH350ID Datasheet HTML 6Page - STMicroelectronics TSH350ID Datasheet HTML 7Page - STMicroelectronics TSH350ID Datasheet HTML 8Page - STMicroelectronics TSH350ID Datasheet HTML 9Page - STMicroelectronics TSH350ID Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TSH350
Electrical Characteristics
6/21
Figure 7: Slew rate
Figure 8: Isink
Figure 9: Input current noise vs. frequency
-2ns
-1ns
0s
1ns
2ns
3ns
0,0
0,5
1,0
1,5
2,0
Gain=+2
Vcc=5V
Load=100
Ω
Time (ns)
-2,0
-1,5
-1,0
-0,5
0,0
0
50
100
150
200
250
300
+
_
RG
+2.5V
-2.5V
VOL
without load
V
Isink
Amplifier in open
loop without load
-1V
+
_
RG
+2.5V
-2.5V
VOL
without load
V
Isink
Amplifier in open
loop without load
-1V
V (V)
1k
10k
100k
1M
10M
10
20
30
40
50
60
70
Neg. Current
Noise
Pos. Current
Noise
Frequency (Hz)
Figure 10: Output amplitude vs. load
Figure 11: Isource
Figure 12: Input voltage noise vs. frequency
10
100
1k
10k
100k
2,0
2,5
3,0
3,5
4,0
Gain=+2
Vcc=5V
Load=100
Ω
Load (ohms)
0,0
0,5
1,0
1,5
2,0
-300
-250
-200
-150
-100
-50
0
+
_
RG
+2.5V
-2.5V
VOH
without load
V
Isource
Amplifier in open
loop without load
+1V
+
_
RG
+2.5V
-2.5V
VOH
without load
V
Isource
Amplifier in open
loop without load
+1V
V (V)
1k
10k
100k
1M
10M
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com