Electronic Components Datasheet Search
  English  ▼

X  

TSH350ID Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSH350ID
Description  550 MHz, Low Noise Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350ID Datasheet(HTML) 2 Page - STMicroelectronics

  TSH350ID Datasheet HTML 1Page - STMicroelectronics TSH350ID Datasheet HTML 2Page - STMicroelectronics TSH350ID Datasheet HTML 3Page - STMicroelectronics TSH350ID Datasheet HTML 4Page - STMicroelectronics TSH350ID Datasheet HTML 5Page - STMicroelectronics TSH350ID Datasheet HTML 6Page - STMicroelectronics TSH350ID Datasheet HTML 7Page - STMicroelectronics TSH350ID Datasheet HTML 8Page - STMicroelectronics TSH350ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TSH350
Absolute Maximum Ratings
2/21
1 Absolute Maximum Ratings
Table 1: Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply Voltage 1
1)
All voltages values are measured with respect to the ground pin.
6V
Vid
Differential Input Voltage2
2)
Differential voltage are non-inverting input terminal with respect to the inverting input terminal.
+/-0.5
V
Vin
Input Voltage Range3
3)
The magnitude of input and output voltage must never exceed VCC +0.3V.
+/-2.5
V
Toper
Operating Free Air Temperature Range
-40 to + 85
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to Ambient
SOT23-5
SO8
250
150
°C/W
Rthjc
Thermal Resistance Junction to Ambient
SOT23-5
SO8
80
28
°C/W
Pmax
Maximum Power Dissipation4 (@Ta=25°C) for Tj=150°C
SOT23-5
SO8
4)
Short-circuits can cause excessive heating. Destructive dissipation can result from short circuit on amplifiers.
500
830
mW
ESD
HBM : Human Body Model 5 (pins 1, 4, 5, 6, 7 and 8)
5)
Human body model, 100pF discharged through a 1.5k
Ω resistor into pMin of device.
2kV
HBM : Human Body Model (pins 2 and 3)
0.5
kV
MM : Machine Model 6 (pins 1, 4, 5, 6, 7 and 8)
6)
This is a minimum Value. Machine model ESD, a 200pF cap is charged to the specified voltage, then discharged directly into the IC with
no external series resistor (internal resistor < 5
Ω), into pin to pin of device.
200
V
MM : Machine Model (pins 2 and 3)
60
V
CDM : Charged Device Model (pins 1, 4, 5, 6, 7 and 8)
1.5
kV
CDM : Charged Device Model (pins 2 and 3)
1.5
kV
Latch-up Immunity
200
mA
Table 2: Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply Voltage 1
1)
Tested in full production at 5V (±2.5V) supply voltage.
4.5 to 5.5
V
Vicm
Common Mode Input Voltage
-Vcc+1.5V to +Vcc-1.5V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com