Electronic Components Datasheet Search
  English  ▼

X  

V385 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # V385
Description  8-BIT LVDS TRANSMITTER FOR VIDEO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V385 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  V385 Datasheet HTML 1Page - Integrated Circuit Systems V385 Datasheet HTML 2Page - Integrated Circuit Systems V385 Datasheet HTML 3Page - Integrated Circuit Systems V385 Datasheet HTML 4Page - Integrated Circuit Systems V385 Datasheet HTML 5Page - Integrated Circuit Systems V385 Datasheet HTML 6Page - Integrated Circuit Systems V385 Datasheet HTML 7Page - Integrated Circuit Systems V385 Datasheet HTML 8Page - Integrated Circuit Systems V385 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
8-BIT LVDS TRANSMITTER FOR VIDEO
V385
V385 Datasheet
2
3/30/05
Revision 1.6
Integrated Circuit Systems • 525 Race St reet, San Jose, CA 95 126 • tel (408) 297-1201 • w w w. icst.com
Pin Descriptions
Pin
Pin Type
Pin Name
Pin Description/Name
1
Power
VCC
3.3V Power
2
CMOS/TTL
TxIN5
Parallel digital video input pins (TxIN0..27).
3
CMOS/TTL
TxIn6
Parallel digital video input pins (TxIN0..27).
4
CMOS/TTL
TxIn7
Parallel digital video input pins (TxIN0..27).
5
Ground
GND
Ground
6
CMOS/TTL
TxIN8
Parallel digital video input pins (TxIN0..27).
7
CMOS/TTL
TxIN9
Parallel digital video input pins (TxIN0..27).
8
CMOS/TTL
TxIN10
Parallel digital video input pins (TxIN0..27).
9
Power
VCC
3.3V Power
10
CMOS/TTL
TxIN11
Parallel digital video input pins (TxIN0..27).
11
CMOS/TTL
TxIN12
Parallel digital video input pins (TxIN0..27).
12
CMOS/TTL
TxIN13
Parallel digital video input pins (TxIN0..27).
13
Ground
GND
Ground
14
CMOS/TTL
TxIN14
Parallel digital video input pins (TxIN0..27).
15
CMOS/TTL
TxIN15
Parallel digital video input pins (TxIN0..27).
16
CMOS/TTL
TxIN16
Parallel digital video input pins (TxIN0..27).
17
CMOS/TTL
R_FB
Programmable strobe select input pin (R_FB). High = rising edge; Low =
falling edge.
18
CMOS/TTL
TxIN17
Parallel digital video input pins (TxIN0..27).
19
CMOS/TTL
TxIN18
Parallel digital video input pins (TxIN0..27).
20
CMOS/TTL
TxIN19
Parallel digital video input pins (TxIN0..27).
21
Ground
GND
Ground
22
CMOS/TTL
TxIN20
Parallel digital video input pins (TxIN0..27).
23
CMOS/TTL
TxIN21
Parallel digital video input pins (TxIN0..27).
24
CMOS/TTL
TxIN22
Parallel digital video input pins (TxIN0..27).
25
CMOS/TTL
TxIN23
Parallel digital video input pins (TxIN0..27).
26
Power
VCC
3.3V Power
27
CMOS/TTL
TxIN24
Parallel digital video input pins (TxIN0..27).
28
CMOS/TTL
TxIN25
Parallel digital video input pins (TxIN0..27).
29
Ground
GND
Ground
30
CMOS/TTL
TxIN26
Parallel digital video input pins (TxIN0..27).
31
CMOS/TTL
TxCLKIN
Clock input (TxCLKIN)
32
CMOS/TTL
PWRDWN
Active low. Powerdown tri-states outputs.
33
Ground
PLL_GND
Ground
34
Power
PLL_VCC
3.3V Power
35
Ground
PLL_GND
Ground
36
Ground
LVDS_GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com