Electronic Components Datasheet Search
  English  ▼

X  

V385 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # V385
Description  8-BIT LVDS TRANSMITTER FOR VIDEO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V385 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  V385 Datasheet HTML 1Page - Integrated Circuit Systems V385 Datasheet HTML 2Page - Integrated Circuit Systems V385 Datasheet HTML 3Page - Integrated Circuit Systems V385 Datasheet HTML 4Page - Integrated Circuit Systems V385 Datasheet HTML 5Page - Integrated Circuit Systems V385 Datasheet HTML 6Page - Integrated Circuit Systems V385 Datasheet HTML 7Page - Integrated Circuit Systems V385 Datasheet HTML 8Page - Integrated Circuit Systems V385 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
8-BIT LVDS TRANSMITTER FOR VIDEO
V385
V385 Datasheet
5
3/30/05
Revision 1.6
Integrated Circuit Systems • 525 Race St reet, San Jose, CA 95 126 • tel (408) 297-1201 • w w w. icst.com
Thermal Characteristics
Recommended Transmitter Input Characteristics
TxCLK IN Transition Time
TCIT
5
ns
TxCLK IN Period
TCIP
11.76
T
50
ns
TxCLK IN High Time
TCIH
0.35T
0.5T
0.65T
ns
TxCLK IN Low Time
TCIL
0.35T
0.5T
0.65T
ns
TxIN Transition Time
TXIT
1.5
6
ns
Transmitter Switching Characteristics
LVDS Low-to-High Time
LLHT
0.75
1.4
ns
LVDS High-to-Low Time
LHLT
0.75
1.4
ns
Transmitter Output Pulse
Position
TPPos0
Bit0
-0.2
0
0.2
0.2
85 MHz
TPPos1
Bit1
T/7-0.2
T/7
T/7+0.2
ns
85 MHz
TPPos2
Bit2
2T/7-0.2
2T/7
2T/7+0.2
ns
85 MHz
TPPos3
Bit3
3T/7-0.2
3T/7
3T/7+0.2
ns
85 MHz
TPPos4
Bit4
4T/7-0.2
4T/7
4T/7+0.2
ns
85 MHz
TPPos5
Bit5
5T/7-0.2
5T/7
5T/7+0.2
ns
85 MHz
TPPos6
Bit6
6T/7-0.2
6T/7
6T/7+0.2
ns
85 MHz
Transmitter Phase Loop Set
TPLLS
10
ms
TxIN Setup to TxCLK IN
TSTC
2.5
ns
TxIN Hold to TxCLK IN
THTC
0
ns
TxCLK IN to TxCLK OUT
Delay
TCCD
10
30
ns
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to Ambient
θ
JA
Still air
84
°C/W
θ
JA
1 m/s air flow
76
°C/W
θ
JA
3 m/s air flow
67
°C/W
Thermal Resistance Junction to Case
θ
JC
50
°C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Freq.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com