Electronic Components Datasheet Search
  English  ▼

X  

2901366 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2901366
Description  Measuring instrument - EEM-MA600
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2901366 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2901366 Datasheet HTML 1Page - PHOENIX CONTACT 2901366 Datasheet HTML 2Page - PHOENIX CONTACT 2901366 Datasheet HTML 3Page - PHOENIX CONTACT 2901366 Datasheet HTML 4Page - PHOENIX CONTACT 2901366 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2901366
10/16/2018   Page 1 / 5
Measuring instrument - EEM-MA600 - 2901366
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Energy measurement device to measure electrical parameters in low voltage installations up to 700 V,
acquisition of individual harmonic oscillations - can be extended with communication and special functional
modules
Your advantages
 Can be extended with special function and communication modules
 Remote access via web server, integrated in Ethernet communication module
 Acquisition of individual harmonics up to 63rd harmonic
 Trend calculation for real and reactive power
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356584258
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
96 mm
Height
96 mm
Depth
82 mm
Installation depth with extension module
80 mm
Installation depth without extension module
60 mm
Ambient conditions
Ambient temperature (operation)
-10 °C ... 55 °C (14 °F to 131 °F)
Ambient temperature (storage/transport)
-20 °C ... 85 °C (-4 °F ... 185 °F)
Max. permissible relative humidity (operation)
≤ 95 %


Similar Part No. - 2901366

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901362 PHOENIX-2901362 Datasheet
91Kb / 4P
EEM-MA200
2901363 PHOENIX-2901363 Datasheet
69Kb / 4P
Measuring instrument - EEM-MA250
2901364 PHOENIX-2901364 Datasheet
94Kb / 5P
EEM-MA400
2901365 PHOENIX-2901365 Datasheet
84Kb / 3P
RS-485 JBUS/MODBUS communication module for EEM-MA400
2901367 PHOENIX-2901367 Datasheet
84Kb / 3P
RS-485 JBUS/MODBUS communication module for EEM-MA600
More results

Similar Description - 2901366

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901363 PHOENIX-2901363 Datasheet
69Kb / 4P
Measuring instrument - EEM-MA250
2907954 PHOENIX-2907954 Datasheet
97Kb / 6P
Measuring instrument - EEM-MB370
09/12/2020
2907955 PHOENIX-2907955 Datasheet
284Kb / 12P
Measuring instrument - EEM-MB371
Jun 7, 2022
2907983 PHOENIX-2907983 Datasheet
357Kb / 14P
Measuring instrument - EEM-MA370
Jun 7, 2022
2908286 PHOENIX-2908286 Datasheet
297Kb / 12P
Measuring instrument - EEM-MA771
Jun 7, 2022
1252817 PHOENIX-1252817 Datasheet
185Kb / 6P
Measuring instrument - EEM-DM357
Jun 7, 2022
2908590 PHOENIX-2908590 Datasheet
329Kb / 9P
Measuring instrument - EEM-EM377
Jun 10, 2022
2908578 PHOENIX-2908578 Datasheet
309Kb / 9P
Measuring instrument - EEM-EM355
Jun 10, 2022
2908581 PHOENIX-2908581 Datasheet
308Kb / 9P
Measuring instrument - EEM-EM375
Jun 7, 2022
2908586 PHOENIX-2908586 Datasheet
328Kb / 8P
Measuring instrument - EEM-EM327
Jun 10, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com