Electronic Components Datasheet Search
  English  ▼

X  

2901366 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2901366
Description  Measuring instrument - EEM-MA600
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2901366 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2901366 Datasheet HTML 1Page - PHOENIX CONTACT 2901366 Datasheet HTML 2Page - PHOENIX CONTACT 2901366 Datasheet HTML 3Page - PHOENIX CONTACT 2901366 Datasheet HTML 4Page - PHOENIX CONTACT 2901366 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2901366
10/16/2018   Page 2 / 5
Measuring instrument - EEM-MA600 - 2901366
Technical data
Ambient conditions
Max. salt spray content
≤ 2.5 %
Input data
Measuring principle
True r.m.s. value measurement
Acquisition of harmonics
up to 63rd harmonic
Measured value
AC sine (50/60 Hz)
Input name
Voltage measuring input V1, V2, V3
Input voltage range
18 V AC ... 700 V AC (Phase/Phase)
11 V AC ... 404 V AC (Phase/neutral conductor)
Input voltage
500 kV AC (Primary, via external voltage transducers)
Secondary: 60, 100, 110, 115, 120, 173, 190 V AC
Precision
0.2 %
Input name
Current measurement I1, I2, I3
Input current range
via external transformers
Input current
9999 A (primary)
1 A and 5 A, secondary
Current measuring range
0 A ... 9999 A
Overload capacity
6 A (Permanent)
Response threshold from measuring range nominal value
10 mA
Precision
0.2 %
Current overload
10 x IN for 1 s
Messbereich_Leistung
0 MW ... 8000 MW
0 Mvar ... 8000 Mvar
0 MVA ... 8000 MVA
Precision
0.5 %
Active energy (IEC 62053-22)
Class 0.5 S
Reactive power (IEC 62053-23)
Class 2
Voltage input signal
Via function module
Output data
Output description
Via function module
Interfaces
Designation
via communication module
General
Display
LCD display, backlighting
Measuring rate
approximately
Supply voltage
230 V AC
Supply voltage range
110 V AC ... 400 V AC ±10 %
Nominal power consumption
10 VA
Power consumption
20 VA (with max. number of extension modules)
Mains type
3-phase (3 or 4-wire), 2-phase (2-wire), and single-phase (1-wire)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com